データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYL3025CTB

  • AI
    The **PBYL3025CTB** is a high-performance power semiconductor device, specifically a **Schottky Barrier Diode** in a dual-diode configuration. It is designed for high-frequency switching and power rectification. ### 1. Key Technical Specifications Below are the primary electrical characteristics of the PBYL3025CTB: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier | Low forward voltage drop and fast switching. | | **Configuration** | Dual (Common Cathode) | Two diodes sharing a single cathode pin. | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 25V | Maximum voltage it can block in reverse. | | **Forward Current ($I_{F(AV)}$)** | 30A (Total) | 15A per individual diode leg. | | **Forward Voltage Drop ($V_F$)** | ~0.45V - 0.50V | Typical drop at rated current (very efficient). | | **Package Type** | D2PAK (SOT404) | Surface-mount power package. | --- ### 2. Internal Architecture The device uses a **Common Cathode** arrangement. This means: * **Pin 1:** Anode 1 * **Pin 2 (or Tab):** Cathode (Shared) * **Pin 3:** Anode 2 This design is ideal for **center-tap transformers** in switch-mode power supplies (SMPS), as it allows two-phase rectification with a single component. --- ### 3. Key Features and Advantages * **Low Power Loss:** Due to the low forward voltage ($V_F$), it generates less heat compared to standard silicon diodes. * **High Frequency Operation:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them suitable for high-speed switching circuits (MHz range). * **Guard Ring Protection:** Most parts in this series include an internal guard ring for stress protection and enhanced long-term reliability against high voltage transients. * **Epitaxial Construction:** Ensures high thermal stability and performance consistency. --- ### 4. Common Applications The PBYL3025CTB is typically found in the following electronic systems: 1. **Switch Mode Power Supplies (SMPS):** Used as an output rectifier. 2. **DC-to-DC Converters:** Providing polarity protection and rectification. 3. **Battery Management:** Preventing reverse current flow in charging circuits. 4. **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor drives. --- ### 5. Symbol and Package Representation ```text Anode 1 (1) ---|>|--- |---- Cathode (2/Tab) Anode 2 (3) ---|>|--- ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for a 30A Schottky diode in a D2PAK package?
    • ⤷ How does the forward voltage drop change with temperature in the PBYL3025CTB?
    • ⤷ What are the pin-compatible alternatives to this specific diode?