データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR10100

  • AI
    ### PBYR10100: Schottky Barrier Rectifier Diode The **PBYR10100** is a high-performance Schottky barrier diode designed for high-frequency switching and low power loss applications. It is commonly used in power supplies and protection circuits. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the PBYR10100: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier | Metal-semiconductor junction | | **$V_{RRM}$** | 100V | Peak Repetitive Reverse Voltage | | **$I_{F(AV)}$** | 10A | Average Forward Current | | **$V_{F}$** | ~0.70V - 0.85V | Forward Voltage Drop (at rated current) | | **$I_{FSM}$** | ~120A - 150A | Non-repetitive Peak Surge Current | | **Package** | TO-220AC | Standard through-hole power package | --- ### 2. Physical Structure and Pinout The device is typically housed in a **TO-220** plastic package, which includes a metal tab for heat sinking. * **Pin 1 (Anode):** Where current enters the diode. * **Pin 2 / Tab (Cathode):** Where current exits the diode. In the TO-220AC package, the metal tab is electrically connected to the cathode. --- ### 3. Core Advantages * **Low Forward Voltage:** Unlike standard silicon diodes (which drop ~0.7V to 1.1V), Schottky diodes have a lower drop, leading to higher efficiency. * **Fast Switching:** As a majority carrier device, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-speed switching. * **High Temperature Stability:** Designed to operate reliably at junction temperatures up to 150°C (depending on the specific manufacturer). --- ### 4. Common Applications Due to its 100V rating and 10A current capacity, it is used in: 1. **Switched Mode Power Supplies (SMPS):** Rectification of high-frequency output. 2. **DC-DC Converters:** Polarity protection and freewheeling diodes. 3. **Battery Chargers:** Preventing reverse current flow from the battery to the charger. 4. **Solar Panels:** Bypass diodes to prevent damage from shading. --- ### 5. Circuit Symbol Example In a schematic, it is represented by the standard Schottky symbol: ```text Anode (1) Cathode (2) | |\ | | +-------| >|-------+ |/ | Schottky ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a PBYR10100 and a standard 1N4007 diode?
    • ⤷ How do I calculate the heat sink requirements for this diode at 5A?
    • ⤷ What are the common equivalent alternatives for the PBYR10100?