データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR10100B

  • AI
    The **PBYR10100B** is a high-performance Schottky rectifier diode. It is designed specifically for high-frequency switching applications where low power loss and high efficiency are critical requirements. --- ## 1. Core Technical Specifications The part number follows standard semiconductor nomenclature. Below are the primary electrical characteristics: | Parameter | Value | Description | |:---|:---|:---| | **$V_{RRM}$** | 100V | Peak Repetitive Reverse Voltage | | **$I_{F(AV)}$** | 10A | Average Forward Current | | **$V_F$** | ~0.7V | Maximum Forward Voltage Drop (at 10A) | | **$I_{FSM}$** | 120A | Non-repetitive Peak Surge Current | | **$T_j$** | 150°C | Maximum Operating Junction Temperature | --- ## 2. Key Features and Benefits * **Schottky Barrier Technology:** Uses a metal-to-silicon junction rather than a P-N junction, resulting in ultra-fast switching speeds. * **Low Forward Voltage Drop:** Minimizes heat dissipation during conduction, increasing the overall efficiency of the power supply. * **Guard Ring Protection:** Includes internal circuitry to protect the die against stress and improve reliability during transient over-voltages. * **Surface Mount Package:** Typically comes in a **D2PAK (SOT404)** package, which is optimized for automated assembly and heat dissipation through the PCB. --- ## 3. Common Applications Due to its 100V rating and 10A current capacity, the PBYR10100B is found in several power-management scenarios: 1. **Switched Mode Power Supplies (SMPS):** Used for output rectification in AC/DC and DC/DC converters. 2. **Free-Wheeling Diode:** Protects circuits from voltage spikes generated by inductive loads (like motors or solenoids). 3. **Reverse Polarity Protection:** Prevents damage to sensitive electronics if a battery or power source is connected backwards. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ## 4. Pin Configuration (D2PAK) The physical layout usually consists of the following: * **Pin 1:** Not Connected (or Anode in some variants). * **Pin 2 / Tab:** Cathode (Connected to the mounting base for cooling). * **Pin 3:** Anode.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the PBYR10100B in high-current applications?
    • ⤷ How does the 100V reverse voltage rating compare to standard P-N junction diodes?
    • ⤷ Can this diode be used in parallel to increase current capacity?