データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR10100X

  • AI
    ## Technical Overview of PBYR10100X The **PBYR10100X** is a high-performance **Schottky Barrier Diode** (SBD) designed for high-frequency switching applications and power rectification. It is commonly used in power supplies, converters, and polarity protection circuits. --- ### 1. Key Technical Specifications The "10100" in the part number typically signifies its current and voltage rating (10 Amps, 100 Volts). | Parameter | Value | Description | | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 100 V | Maximum voltage the diode can block in reverse. | | **Average Forward Current ($I_{F(AV)}$)** | 10 A | Maximum continuous current it can conduct. | | **Forward Voltage Drop ($V_F$)** | ~0.7 V - 0.85 V | Voltage lost across the diode (at rated current). | | **Reverse Recovery Time ($t_{rr}$)** | Negligible | Extremely fast switching due to Schottky barrier. | | **Package Type** | TO-220AC / SOD113 | Standard through-hole power package. | --- ### 2. Internal Construction and Features Unlike standard PN-junction diodes, the PBYR10100X utilizes a **metal-to-silicon junction**. * **Low Forward Voltage:** Because it is a Schottky diode, it has a lower voltage drop than standard silicon diodes, leading to higher efficiency and less heat generation. * **Guard Ring Protection:** It usually features an internal guard ring for stress protection and improved long-term reliability against high-voltage transients. * **High Junction Temperature:** Designed to operate effectively at temperatures up to 150°C (or 175°C depending on the specific manufacturer's grade). --- ### 3. Common Applications Due to its high voltage rating (100V) and moderate current capacity (10A), it is found in: 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification on the secondary side of the transformer. 2. **DC-DC Converters:** Acts as a "freewheeling" diode to manage current flow when switches are turned off. 3. **Reverse Polarity Protection:** Protects sensitive electronics if a battery or power source is connected backwards. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 4. Comparison: Schottky vs. Standard Rectifier | Feature | Schottky (PBYR10100X) | Standard Rectifier (e.g., 1N4007) | | :--- | :--- | :--- | | **Switching Speed** | Ultra-Fast | Slow | | **Efficiency** | High (Low $V_F$) | Low (High $V_F$) | | **Reverse Leakage** | Relatively High | Very Low | | **Voltage Range** | Usually < 200V | Up to 1000V+ |
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for a PBYR10100X under a full 10A load?
    • ⤷ Can this diode be used in high-voltage AC rectification circuits above 220V?
    • ⤷ What are the pinout configurations for the TO-220 package of this device?