データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1040B

  • AI
    ## PBYR1040B Technical Overview The **PBYR1040B** is a high-performance **Schottky Barrier Diode** typically housed in a surface-mount power package (D2PAK). It is designed for high-frequency rectification and protection circuits where low power loss and high efficiency are critical. ### 1. Key Technical Specifications | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 V | | **Average Forward Current** | $I_{F(AV)}$ | 10 A | | **Forward Voltage Drop** (at 10A) | $V_F$ | ~0.55 V | | **Operating Junction Temperature** | $T_j$ | up to 150 °C | | **Package Type** | SOT404 | D2PAK (Surface Mount) | --- ### 2. Core Features * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to provide extremely fast switching speeds and low forward voltage drops compared to standard PN junction diodes. * **Guard Ring Protection:** Most variants include an internal guard ring for stress protection, enhancing long-term reliability against high voltage transients. * **Low Power Loss:** Because the forward voltage drop ($V_F$) is significantly lower than silicon diodes (0.55V vs 0.7V-1.1V), it generates less heat and improves energy efficiency. * **High Surge Capability:** Capable of handling high peak currents during start-up or switching events. --- ### 3. Common Applications The PBYR1040B is predominantly used in power management and conversion circuits: 1. **Switch Mode Power Supplies (SMPS):** Used as an output rectifier for high-frequency DC-to-DC converters. 2. **Freewheeling Diodes:** Protects switching transistors (like MOSFETs) from inductive voltage spikes in motor control circuits. 3. **Polarity Protection:** Used in battery-operated devices to prevent damage if the battery is connected backwards. 4. **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails without back-feeding. --- ### 4. Typical Circuit Symbol In a schematic, the PBYR1040B is represented by the standard Schottky symbol, which features "S" shaped hooks on the cathode bar: ```text Anode Cathode |----|>|----| (S-hook) ```
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance rating for the PBYR1040B in a D2PAK package?
    • ⤷ How does the reverse leakage current of this diode change with temperature?
    • ⤷ Can I use the PBYR1040B in a circuit with a 48V supply voltage?