データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1040CTD

  • AI
    The **PBYR1040CTD** is a high-performance Schottky Barrier Rectifier diode commonly used in power management and switching applications. Below is a detailed technical breakdown of its electronic characteristics and construction. --- ### 1. General Overview The PBYR1040CTD is a **dual Schottky diode** configured in a **common cathode** arrangement. It is designed for low power loss, high efficiency, and high-speed switching. ### 2. Key Specifications | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 V | | **Average Forward Current (Per Diode)** | $I_{F(AV)}$ | 5 A | | **Total Average Forward Current** | $I_{O}$ | 10 A | | **Forward Voltage Drop (at 5A, 25°C)** | $V_F$ | ~0.55 V | | **Operating Junction Temperature** | $T_j$ | -65 to 150 °C | | **Package Type** | - | DPAK (TO-252) | --- ### 3. Core Features & Benefits * **Low Forward Voltage ($V_F$):** Unlike standard silicon diodes (~0.7V), this Schottky diode has a lower voltage drop, reducing power dissipation and heat generation. * **High-Speed Switching:** Because it is a majority-carrier device, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency circuits. * **Guard Ring Protection:** Internal guard rings provide stress protection and improve long-term reliability against high-voltage transients. * **DPAK Surface Mount:** The DPAK (TO-252) housing is designed for surface-mount technology (SMT) with good thermal dissipation properties. --- ### 4. Internal Configuration The device contains two diodes sharing a single output terminal. ```text Terminal 1 (Anode 1) --|>|--+ | +-- Terminal 2 & Tab (Cathode) | Terminal 3 (Anode 2) --|>|--+ ``` --- ### 5. Common Applications 1. **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers for secondary stage DC-to-DC conversion. 2. **Free-Wheeling Diodes:** Protects circuits from inductive voltage spikes in motor control or relay drivers. 3. **Battery Charging:** Prevents reverse current flow from the battery to the charging source. 4. **Polarity Protection:** Safeguards sensitive electronics from accidental battery reversal. ---
    ✨ Follow-up Questions
    • ⤷ How does the forward voltage drop change as the junction temperature increases?
    • ⤷ What are the specific thermal resistance values for the DPAK package used in this diode?
    • ⤷ Can this diode be used in a bridge rectifier configuration?