データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1040X

  • AI
    The **PBYR1040X** is a high-performance **Schottky Barrier Diode** housed in a plastic envelope (typically TO-220F). It is widely used in power supplies due to its low forward voltage drop and high switching speed. --- ### ## Technical Specifications The primary characteristics of the PBYR1040X determine its suitability for high-efficiency power rectification. | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Average Forward Current** | $I_{F(AV)}$ | 10 | A | | **Forward Voltage (at 10A)** | $V_F$ | 0.55 | V | | **Non-repetitive Peak Surge Current** | $I_{FSM}$ | 125 | A | | **Operating Junction Temperature** | $T_j$ | 150 | °C | --- ### ## Key Features 1. **Low Forward Voltage Drop:** This reduces power dissipation, making the device highly efficient. 2. **Fast Switching Speed:** Since it is a Schottky diode, it has negligible reverse recovery time, allowing it to function in high-frequency circuits. 3. **Isolated Package (TO-220F):** The "X" suffix usually denotes an isolated package, meaning the metal tab is covered in plastic. This allows for mounting directly to a heatsink without needing an external insulation pad. 4. **Guard Ring Protection:** Includes internal circuitry to improve durability against high-voltage transients (ESD). --- ### ## Circuit Applications The PBYR1040X is commonly found in the following electronic configurations: * **Switched Mode Power Supplies (SMPS):** Used as an output rectifier to convert high-frequency AC/Square waves to DC. * **DC-DC Converters:** Acts as a "freewheeling diode" to protect switches from inductive spikes. * **Polarity Protection:** Used in battery-operated devices to prevent damage if the power source is connected backward. ### ## Comparison: Schottky vs. Standard Diode ```markdown - Schottky (PBYR1040X): Vf ≈ 0.4V - 0.5V | Switching: Ultra Fast - Standard (1N4007): Vf ≈ 0.7V - 1.1V | Switching: Slow ``` ---
    ✨ Follow-up Questions
    • What are the advantages of the isolated TO-220F package over the standard TO-220?
    • How does the forward voltage drop change with temperature in the PBYR1040X?
    • What is the maximum frequency this diode can handle in an SMPS application?