データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1045

  • AI
    ### Technical Overview of PBYR1045 The **PBYR1045** is a high-performance **Schottky Barrier Diode** designed for fast switching and low power loss. It is commonly used in power management applications where efficiency and speed are critical. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 V | | **Average Forward Current** | $I_{F(AV)}$ | 10 A | | **Forward Voltage Drop** ($I_F = 10A$) | $V_F$ | ~0.57 V | | **Peak Surge Current** (8.3ms) | $I_{FSM}$ | 120 A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 °C | | **Package Type** | - | TO-220AC | --- ### 2. Physical Construction and Package The PBYR1045 is typically housed in a **TO-220AC** package. This is a plastic power package with a metal tab designed for mounting onto a heatsink. * **Pin 1:** Cathode (connected to the mounting tab) * **Pin 2:** Anode * **Function:** It acts as a one-way valve for electricity, allowing current to flow from the anode to the cathode with minimal resistance. --- ### 3. Core Features * **Low Forward Voltage Drop:** Unlike standard silicon diodes (~0.7V to 1.1V), the Schottky barrier allows for a lower voltage drop, reducing heat dissipation and increasing efficiency. * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency circuits. * **Guard Ring Protection:** Most variants include an internal guard ring for stress protection and long-term reliability against high voltages. --- ### 4. Common Applications 1. **Switched-Mode Power Supplies (SMPS):** Used as an output rectifier to convert high-frequency AC/Square waves into DC. 2. **Freewheeling Diodes:** Protects circuits from "inductive kickback" in motor controllers or relay drivers. 3. **Reverse Polarity Protection:** Prevents damage if a battery or power source is connected backwards. 4. **DC-DC Converters:** Essential in buck or boost converters for efficient energy transfer. --- ### 5. Circuit Symbol In a schematic, it is represented by the standard Schottky diode symbol (the "S" shaped bar): ```text Anode Cathode ----|>|-----------| (Tab) (S-Bar) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBYR1045 and a standard 1N4007 diode?
    • ⤷ How do I calculate the heat sink requirements for a PBYR1045 at 5A current?
    • ⤷ Can the PBYR1045 be used in series to increase voltage handling?