データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1060

  • AI
    ## PBYR1060: Schottky Barrier Rectifier Diode The **PBYR1060** is a high-performance Schottky rectifier diode. It is primarily used for ultra-fast switching, power supplies, and protection circuits due to its low forward voltage drop and high efficiency. --- ### 1. Key Specifications The following table outlines the fundamental electronic characteristics of the PBYR1060: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier | Metal-semiconductor junction diode | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 60 V | Maximum voltage the diode can block | | **Forward Current ($I_{F(AV)}$)** | 10 A | Maximum average rectified output current | | **Forward Voltage Drop ($V_F$)** | ~0.7 V | Voltage lost across the diode at rated current | | **Package Type** | TO-220AC | Standard 2-pin power package | | **Operating Temperature** | up to 150°C | Maximum junction temperature | --- ### 2. Physical Structure and Pinout The PBYR1060 typically comes in a **TO-220** power package, which allows for easy mounting onto a heatsink to dissipate heat generated during high-current operation. * **Pin 1 (Cathode):** Connected to the metal tab (usually). * **Pin 2 (Anode):** The input terminal. --- ### 3. Electronic Advantages The PBYR1060 offers several benefits over standard silicon PN-junction diodes: 1. **Low Forward Voltage:** Because it uses a metal-to-semiconductor barrier, it wastes less power as heat compared to standard diodes (which usually have a 1.1V drop). 2. **Ultra-Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency Switched-Mode Power Supplies (SMPS). 3. **Low Guard Ring:** Most versions include a "Guard Ring" for stress protection, which improves long-term reliability and guards against high-voltage transients. --- ### 4. Common Applications * **DC-to-DC Converters:** Used as a freewheeling diode to maintain current flow when a switch is off. * **Rectification:** Converting AC to DC in low-voltage, high-frequency power adapters. * **Reverse Polarity Protection:** Protecting sensitive electronics from battery reversal. * **ORing Diodes:** Used in redundant power supply systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a PBYR1060 and a standard 1N4007 diode?
    • ⤷ How do I calculate the heat dissipation required for a 10A load on this diode?
    • ⤷ Can the PBYR1060 be used in parallel to increase current capacity?