データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1080

  • AI
    ### Overview of the PBYR1080 Schottky Rectifier The **PBYR1080** is a high-performance Schottky barrier diode designed for use in switched-mode power supplies (SMPS) and high-frequency DC-to-DC converters. It is known for its low forward voltage drop and fast switching speed, which minimize power losses. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for the PBYR1080: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 80 | V | | **Continuous Forward Current** | $I_{F(AV)}$ | 10 | A | | **Forward Voltage Drop** ($I_F = 10A$) | $V_F$ | ~0.70 | V | | **Non-Repetitive Peak Surge Current** | $I_{FSM}$ | 120 | A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | --- ### 2. Functional Features * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to achieve majority carrier conduction, resulting in near-zero reverse recovery time. * **Low Power Loss:** Because the forward voltage drop ($V_F$) is significantly lower than standard PN-junction diodes, it improves overall system efficiency. * **High Guard Ring Protection:** Most variants include an internal guard ring for stress protection, enhancing long-term reliability against over-voltage transients. * **Thermal Performance:** Typically housed in a **TO-220** or similar power package, allowing for easy mounting to a heatsink to manage thermal dissipation during high-current operation. --- ### 3. Pin Configuration (TO-220 Package) In the standard TO-220AB package, the pinout is usually as follows: 1. **Anode:** Positive input. 2. **Cathode:** Negative output (connected to the mounting tab/heatsink). 3. **Anode:** (In dual-diode versions, this may be a second anode; in single-diode versions, it may be omitted or internally connected). --- ### 4. Common Applications * **Rectification:** Converting AC to DC in high-frequency power supplies. * **Freewheeling Diodes:** Used in motor control circuits to protect components from inductive spikes. * **Polarity Protection:** Preventing circuit damage if a battery or DC source is connected backward. * **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails.
    ✨ Follow-up Questions
    • What are the main differences between the PBYR1080 and a standard silicon diode?
    • How does the forward voltage drop change with temperature in the PBYR1080?
    • Can the PBYR1080 be used in circuits exceeding 80V?