データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1545CTB

  • AI
    ## Technical Overview: PBYR1545CTB Schottky Rectifier The **PBYR1545CTB** is a high-performance Schottky barrier diode designed for use in switched-mode power supplies (SMPS) and high-frequency DC-to-DC converters. It is specifically engineered for low power loss and high efficiency. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the PBYR1545CTB: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 V | | **Average Forward Current (Per Diode)** | $I_{F(AV)}$ | 7.5 A | | **Total Average Forward Current (Dual)** | $I_{O}$ | 15 A | | **Forward Voltage Drop (at 7.5A)** | $V_{F}$ | ~0.57 V | | **Operating Junction Temperature** | $T_{j}$ | -65 to +150 °C | | **Package Type** | Package | D2PAK (SOT404) | --- ### 2. Physical Configuration The PBYR1545CTB is a **Dual Diode** (Center Tap) component. * **Structure:** It contains two Schottky diodes sharing a common cathode. * **Pinout:** 1. **Anode 1:** Input for the first diode. 2. **Cathode:** Common connection (connected to the mounting base/tab). 3. **Anode 2:** Input for the second diode. --- ### 3. Core Features * **Low Forward Voltage Drop:** This minimizes power dissipation, making it highly efficient for power conversion. * **Fast Switching:** Because it is a Schottky diode, it has negligible reverse recovery time, allowing it to operate at very high frequencies. * **Guard Ring Protection:** Includes an internal guard ring for stress protection and increased long-term reliability against high-voltage transients. * **Surface Mount Design:** The D2PAK housing is optimized for automated surface mount assembly. --- ### 4. Common Applications Due to its high speed and low loss characteristics, the PBYR1545CTB is typically found in: * **Secondary Rectification:** Used in the output stage of high-frequency power supplies. * **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor control. * **OR-ing Diodes:** In redundant power supply systems to prevent backflow. * **Polarity Protection:** Safeguarding sensitive electronics from reversed battery connections. ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between this Schottky diode and a standard silicon rectifier?
    • ⤷ How does temperature affect the forward voltage drop of the PBYR1545CTB?
    • ⤷ Can this component be used in 220V AC rectification?