データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1545CTF

  • AI
    ## Technical Overview: PBYR1545CTF The **PBYR1545CTF** is a high-performance Schottky barrier rectifier diode. It is designed for high-frequency switching and low-loss power rectification. It typically comes in a **TO-220F (Full Pack)** plastic package, which is isolated to prevent electrical shorts between the heatsink and the device terminals. --- ### 1. Key Technical Specifications The part number provides a shorthand for its primary ratings: | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 45V | Repetitive Peak Reverse Voltage | | **$I_{F(AV)}$** | 15A | Total Average Forward Current (7.5A per diode) | | **$V_F$** | ~0.57V | Low Forward Voltage Drop (at rated current) | | **$T_j$** | 150°C | Maximum Junction Temperature | | **Configuration** | Dual | Common Cathode arrangement | --- ### 2. Internal Construction The PBYR1545CTF is a **dual-diode** component. It contains two Schottky diodes sharing a single cathode connection. * **Pin 1:** Anode 1 * **Pin 2:** Common Cathode (Connected to the center lead) * **Pin 3:** Anode 2 The Schottky barrier technology uses a metal-to-silicon junction rather than a P-N junction. This results in much faster switching speeds and a significantly lower forward voltage drop compared to standard silicon diodes. --- ### 3. Benefits of the "CTF" Variant The **"F"** suffix usually denotes the **Full Pack (TO-220F)**. * **Electrical Isolation:** The mounting tab is encapsulated in plastic. You do not need an external mica insulator when mounting it to a metal heatsink. * **Lower Parasitic Capacitance:** Ideal for high-speed power supply designs. --- ### 4. Typical Applications Because of its high efficiency and fast recovery times, it is commonly used in: 1. **Switched-Mode Power Supplies (SMPS):** Output rectification for DC/DC converters. 2. **Free-Wheeling Diodes:** Protecting circuits from inductive spikes in motor controllers. 3. **ORing Diodes:** Used in redundant power supply systems to prevent backflow. 4. **Battery Chargers:** Efficiently managing charging current with minimal heat loss. --- ### 5. Circuit Symbol ```mermaid graph LR A[Anode 1] --> D1|Diodes| C[Common Cathode] B[Anode 2] --> D2|Diodes| C ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a Schottky diode and a standard recovery diode?
    • ⤷ How does temperature affect the forward voltage drop of the PBYR1545CTF?
    • ⤷ Can I use this diode in a circuit exceeding 45V?