データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1545CTX

  • AI
    ## Technical Overview of PBYR1545CTX The **PBYR1545CTX** is a high-performance **Schottky Barrier Diode** commonly used in power management applications. It is designed for low power loss and high efficiency, typically serving as a rectifier in switching power supplies. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the PBYR1545CTX: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 15 (Total) | A | | **Forward Voltage Drop** (at 15A, 125°C) | $V_F$ | 0.57 | V | | **Peak Forward Surge Current** (8.3ms) | $I_{FSM}$ | 125 | A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | TO-220AB | - | --- ### 2. Physical Structure and Pinout The PBYR1545CTX is a **Dual Diode (Common Cathode)** configuration housed in a TO-220 package. This means there are two diodes sharing a single output pin. * **Pin 1 (Anode 1):** Input for the first diode. * **Pin 2 (Cathode):** Shared output (connected to the mounting tab). * **Pin 3 (Anode 2):** Input for the second diode. --- ### 3. Core Features * **Low Forward Voltage:** Reduces heat generation and increases system efficiency. * **High Frequency Operation:** Schottky technology allows for extremely fast switching, making it ideal for high-speed PWM circuits. * **Guard Ring Protection:** Includes internal circuitry for stress protection and improved reliability against high voltage transients. * **Low Thermal Resistance:** The TO-220 package allows for efficient heat dissipation when attached to a heatsink. --- ### 4. Common Applications Due to its high current capacity and low voltage drop, this component is found in: 1. **Switched Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-DC Converters:** Acts as a freewheeling diode. 3. **Reverse Battery Protection:** Protects sensitive electronics from incorrect polarity. 4. **Solar Panels:** Used as a bypass diode to prevent backflow.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Schottky diode like the PBYR1545CTX and a standard silicon rectifier?
    • ⤷ How do I calculate the heat dissipation requirements for this diode in a 10A circuit?
    • ⤷ Can this diode be used in AC-to-DC bridge rectifiers for high voltage mains?