データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1640

  • AI
    The **PBYR1640** is a specific type of power semiconductor known as a **Schottky Barrier Diode**. It is designed for high-frequency rectification and low-voltage power supply applications. --- ### 1. General Overview The PBYR1640 is often produced by manufacturers like NXP (formerly Philips) or WeEn Semiconductors. It belongs to the "PBYR" series, where the numbers typically denote the current and voltage ratings. | Parameter | Value | | :--- | :--- | | **Component Type** | Schottky Barrier Diode | | **Max Average Rectified Current ($I_{F(AV)}$)** | 16 Amperes | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40 Volts | | **Package Type** | TO-220AC (2-pin) or TO-220AB | | **Configuration** | Single Diode | --- ### 2. Key Technical Characteristics * **Low Forward Voltage Drop ($V_F$):** Unlike standard silicon diodes (~0.7V), this Schottky diode typically has a forward voltage drop between **0.5V and 0.6V**. This reduces power loss and heat generation. * **Fast Switching Speed:** Since it is a Schottky diode, it has a negligible reverse recovery time ($t_{rr}$). This makes it ideal for high-speed switching circuits. * **Guard Ring Protection:** The internal die usually includes a guard ring for stress protection, which improves reliability against transient over-voltages (ESD). * **Thermal Performance:** The TO-220 package allows for easy mounting to a heatsink, which is necessary when operating near the 16A limit. --- ### 3. Pinout Configuration For the standard TO-220 package: | Pin Number | Designation | Function | | :--- | :--- | :--- | | **1** | Cathode (K) | Connected to the metal tab (Heat Sink) | | **2** | Anode (A) | Input current terminal | --- ### 4. Common Applications Due to its high current capacity and low losses, the PBYR1640 is commonly used in: 1. **Switched-Mode Power Supplies (SMPS):** Used in the output rectification stage. 2. **DC-DC Converters:** Providing efficient voltage regulation. 3. **Free-Wheeling Diodes:** Protecting circuits from inductive spikes in motor controllers. 4. **Reverse Polarity Protection:** Protecting sensitive electronics from battery reversal. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PBYR1640 and a standard 1N4007 diode?
    • ⤷ How much heat sinking is required for a PBYR1640 running at 10 Amps?
    • ⤷ Are there dual-diode versions of the PBYR1640 available?