データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1640B

  • AI
    ### PBYR1640B: High-Performance Schottky Rectifier Diode The **PBYR1640B** is a high-speed Schottky barrier rectifier diode, typically housed in a surface-mount package (like D2PAK). It is widely used in power management applications due to its low forward voltage drop and fast switching capabilities. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the PBYR1640B: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Average Forward Current** | $I_{F(AV)}$ | 16 | A | | **Forward Voltage Drop** (at 16A) | $V_F$ | ~0.57 - 0.65 | V | | **Reverse Recovery Time** | $t_{rr}$ | Negligible | ns | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | --- ### 2. Functional Characteristics The PBYR1640B is designed based on the **Schottky Barrier** principle, which utilizes a metal-to-semiconductor junction rather than a P-N junction. This results in several distinct advantages: * **Low Power Loss:** Because the forward voltage drop ($V_F$) is significantly lower than standard silicon diodes (~0.6V vs 1.1V), it generates less heat and improves efficiency. * **Fast Switching:** Schottky diodes are "majority carrier" devices, meaning they have essentially zero reverse recovery time. This makes them ideal for high-frequency switching power supplies. * **Guard Ring Protection:** Most versions of this part include an internal "guard ring" for stress protection, improving long-term reliability against high-voltage transients. --- ### 3. Common Applications Due to its 16A current rating and 40V limit, the PBYR1640B is frequently found in: 1. **Switching Mode Power Supplies (SMPS):** Used as an output rectifier for DC-to-DC converters. 2. **Freewheeling Diodes:** Protects circuits from inductive voltage spikes in motor drivers and relay circuits. 3. **Battery Isolation:** Prevents reverse current flow in solar charging systems or dual-battery setups. 4. **Polarity Protection:** Safeguards sensitive electronics against accidental reverse battery connection. --- ### 4. Package & Pinout The "B" suffix usually denotes the **SOT404 (D2PAK)** surface-mount package. * **Pin 1:** No internal connection (or sometimes clipped). * **Pin 2 (Tab):** Cathode (Connected to the mounting base for heat dissipation). * **Pin 3:** Anode. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the PBYR1640B?
    • ⤷ How does the forward voltage drop change with temperature in this diode?
    • ⤷ What thermal management is required when running the PBYR1640B at its full 16A capacity?