データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR1645

  • AI
    The **PBYR1645** is a high-performance Schottky barrier rectifier diode. It is primarily designed for use in switched-mode power supplies (SMPS), free-wheeling diodes, and reverse polarity protection circuits. --- ### ## Technical Specifications The following table outlines the key electrical characteristics and maximum ratings for the PBYR1645: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Average Forward Current** | $I_{F(AV)}$ | 16 | A | | **Forward Voltage Drop** (at 16A) | $V_F$ | ~0.57 - 0.63 | V | | **Peak Non-Repetitive Surge Current** | $I_{FSM}$ | 150 | A | | **Operating Junction Temperature** | $T_j$ | 150 | °C | | **Package Type** | - | TO-220AC | - | --- ### ### Key Features and Benefits 1. **Low Forward Voltage Drop ($V_F$):** Due to the Schottky barrier technology, it has a significantly lower voltage drop compared to standard silicon diodes, which reduces power dissipation and increases efficiency. 2. **Fast Switching Speed:** As a Schottky diode, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency applications. 3. **High Guard Ring Protection:** Most variants include an internal guard ring for stress protection and enhanced long-term reliability against high-voltage transients. 4. **TO-220 Package:** The standard through-hole package allows for easy mounting to heat sinks, which is essential for managing thermal output at high current loads. --- ### ### Typical Applications * **DC-to-DC Converters:** Used in the output rectification stage to improve efficiency. * **Power Supplies:** Ideal for low-voltage, high-frequency rectification in computer or industrial power units. * **Solar Panels:** Often used as blocking diodes to prevent battery discharge through the panels at night. * **Battery Charging:** Used in charging circuits to prevent reverse current flow. --- ### ### Application Circuit Example When using the PBYR1645 in a simple rectification circuit, the connection logic is as follows: ```text Positive Rail (+) ----> [Anode] (PBYR1645) [Cathode] ----> Load (+) ``` > **Note:** Because this is a high-current device, always ensure the heat sink is properly rated for the calculated power dissipation ($P = V_F \times I_F$).
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the PBYR1645?
    • ⤷ How does the forward voltage drop change with temperature in this diode?
    • ⤷ What is the maximum reverse leakage current for the PBYR1645?