データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR2040CT

  • AI
    ### Overview of the PBYR2040CT The **PBYR2040CT** is a high-performance **Schottky Barrier Rectifier** (Diode) typically used in power management and switching applications. It is designed for low power loss and high efficiency. --- ### 1. Key Technical Specifications The part number itself reveals much of its capability. The "20" generally refers to the current rating, and "40" refers to the voltage rating. | Parameter | Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Diode (Dual, Common Cathode) | | **Max Average Forward Current ($I_{F(AV)}$)** | 20A (10A per diode) | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40V | | **Forward Voltage Drop ($V_F$)** | Approx. 0.5V to 0.6V (at 10A) | | **Package Type** | TO-220AB (Standard 3-pin power package) | | **Operating Temperature** | Up to 150°C | --- ### 2. Internal Configuration The PBYR2040CT is a **dual-diode** package. Inside the TO-220 casing, there are two diodes sharing a single connection point. * **Pin 1 (Anode 1):** Input for the first diode. * **Pin 2 (Cathode):** Common output for both diodes (connected to the metal tab). * **Pin 3 (Anode 2):** Input for the second diode. This "Common Cathode" setup is ideal for **Center-Tap Transformers** or **Full-Wave Rectification** in switch-mode power supplies. --- ### 3. Key Electronic Characteristics Schottky diodes like the PBYR2040CT differ from standard PN-junction diodes in several ways: * **Low Forward Voltage ($V_F$):** It requires less voltage to "turn on," which results in significantly less heat dissipation and higher energy efficiency. * **Ultra-Fast Switching:** Because it utilizes a metal-to-semiconductor junction rather than a P-N junction, it has negligible reverse recovery time ($t_{rr}$). This makes it suitable for high-frequency circuits (MHz range). * **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and improved reliability against high-voltage transients. --- ### 4. Common Applications Due to its high current capacity and low switching losses, it is commonly found in: 1. **SMPS (Switch Mode Power Supplies):** Output rectification for AC/DC converters. 2. **Freewheeling Diodes:** Used in motor control circuits to prevent back-EMF damage. 3. **Battery Chargers:** Preventing reverse current flow while maintaining efficiency. 4. **DC-DC Converters:** Voltage regulation in computing and industrial hardware. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Schottky diode and a standard recovery diode?
    • ⤷ How does heat sinking affect the 20A current rating of the PBYR2040CT?
    • ⤷ Can this diode be used for applications above 40V?