データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR2045CT

  • AI
    ## Overview of the PBYR2045CT The **PBYR2045CT** is a high-performance **Schottky Barrier Diode** designed in a common cathode configuration. It is widely used in power switching circuits due to its low forward voltage drop and high switching speed. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier | Metal-semiconductor junction | | **Configuration** | Dual / Common Cathode | Two diodes sharing one center pin | | **$V_{RRM}$** | 45 V | Maximum repetitive peak reverse voltage | | **$I_{F(AV)}$** | 20 A | Average forward current (10A per diode) | | **$V_F$** | ~0.57 V | Forward voltage drop (at 10A) | | **$T_j$** | 150 °C | Maximum operating junction temperature | | **Package** | TO-220AB | Standard through-hole power package | --- ### 2. Internal Structure and Pinout The device consists of two Schottky diodes integrated into a single three-pin package. * **Pin 1 (Anode 1):** Input for the first diode. * **Pin 2 (Cathode):** Common output for both diodes (connected to the mounting tab). * **Pin 3 (Anode 2):** Input for the second diode. --- ### 3. Core Electronic Features #### A. Low Forward Voltage ($V_F$) Unlike standard silicon diodes (which drop ~0.7V to 1.1V), the PBYR2045CT has a very low drop (approx. 0.57V). This significantly reduces **power dissipation** and increases the efficiency of the power supply. #### B. High Switching Speed Schottky diodes are "majority carrier" devices, meaning they have essentially **zero reverse recovery time ($t_{rr}$)**. This makes them ideal for high-frequency switching applications where standard diodes would overheat due to switching losses. #### C. Guard Ring Protection The internal die usually includes a guard ring for stress protection, which enhances long-term reliability against high-voltage transients. --- ### 4. Typical Applications The PBYR2045CT is commonly found in: 1. **Switch Mode Power Supplies (SMPS):** Used as an output rectifier. 2. **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor drivers. 3. **ORing Diodes:** Used in redundant power systems to prevent backflow. 4. **Battery Chargers:** Efficient rectification to minimize heat. --- ### 5. Circuit Symbol (Schematic) ```text Anode 1 (Pin 1) ----|>|----| |---- Cathode (Pin 2 / Tab) Anode 2 (Pin 3) ----|>|----| ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current (IFSM) this diode can handle?
    • ⤷ How does the forward voltage drop change with temperature in the PBYR2045CT?
    • ⤷ Can I use this diode in a 48V power system?