データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR2045CTB

  • AI
    ## Overview of PBYR2045CTB The **PBYR2045CTB** is a high-performance **Schottky Barrier Diode** designed in a dual-diode configuration. It is primarily used for rectification and power management in high-frequency applications. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the PBYR2045CTB: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Average Forward Current (Total)** | $I_{F(AV)}$ | 20 | A | | **Forward Current (Per Diode)** | $I_F$ | 10 | A | | **Maximum Forward Voltage Drop** ($I_F = 10A$) | $V_F$ | 0.57 | V | | **Maximum Reverse Leakage Current** | $I_R$ | 0.1 | mA | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | --- ### Key Features and Internal Configuration 1. **Dual Diode Construction**: The device features a **Common Cathode** configuration. This means two separate diodes share a single output pin, which is ideal for center-tap transformer rectification. 2. **Low Forward Voltage ($V_F$)**: Because it is a Schottky diode, it has a much lower voltage drop compared to standard silicon diodes, resulting in less heat and higher efficiency. 3. **High Switching Speed**: Schottky diodes have negligible reverse recovery time, making them excellent for high-frequency switching power supplies. 4. **Package Type**: Typically available in the **D2PAK (TO-263)** surface-mount package, which provides good thermal dissipation. --- ### Typical Applications The PBYR2045CTB is commonly found in the following circuits: * **Switch Mode Power Supplies (SMPS)**: Used for output rectification. * **DC-to-DC Converters**: Acts as a freewheeling diode. * **Polarity Protection**: Guards sensitive electronics against accidental battery reversal. * **ORing Diodes**: Used in redundant power supply systems to combine multiple power rails. --- ### Pin Configuration (TO-263) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | Anode 1 | Input for Diode 1 | | 2 (Tab) | Cathode | Common Output (Common Cathode) | | 3 | Anode 2 | Input for Diode 2 |
    ✨ Follow-up Questions
    • What are the thermal management requirements for the PBYR2045CTB in high-current applications?
    • How does the reverse leakage current of this Schottky diode change with temperature?
    • Can this diode be used in a bridge rectifier configuration?