データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR2045CTX

  • AI
    The **PBYR2045CTX** is a high-performance **Dual Schottky Barrier Rectifier** diode. It is designed for high-frequency switching applications, primarily used in power supplies and motor control systems. --- ### 1. Key Technical Specifications The PBYR2045CTX is characterized by its low forward voltage drop and fast switching speed. | Feature | Specification | | :--- | :--- | | **Configuration** | Dual Center Tap (Common Cathode) | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 45 V | | **Max Average Forward Current ($I_{F(AV)}$)** | 20 A (10 A per diode) | | **Forward Voltage Drop ($V_F$)** | ~0.57 V at 10 A | | **Operating Junction Temperature ($T_j$)** | Up to 150°C | | **Package Type** | TO-220AB | --- ### 2. Physical Structure and Pinout The device consists of two Schottky diodes sharing a common cathode, which is electrically connected to the mounting tab of the **TO-220** package. 1. **Anode 1 (Pin 1):** Input for the first diode. 2. **Common Cathode (Pin 2 / Tab):** Output for both diodes. 3. **Anode 2 (Pin 3):** Input for the second diode. --- ### 3. Core Electronic Advantages * **Schottky Barrier Technology:** Unlike standard PN junction diodes, it uses a metal-to-semiconductor junction. This results in a much lower forward voltage drop, reducing power loss. * **Fast Switching:** Because there is no minority carrier recovery time, the "Reverse Recovery Time" ($t_{rr}$) is negligible, making it ideal for high-speed circuits. * **Guard Ring Protection:** The internal die often features a guard ring for stress protection and to improve long-term reliability against high voltage transients. --- ### 4. Common Applications * **Switched Mode Power Supplies (SMPS):** Used for rectification on the output stage to convert high-frequency AC to DC. * **Freewheeling Diode:** Used in motor control circuits to protect components from inductive spikes. * **OR-ing Diodes:** Used in redundant power systems where two power sources are combined into one load. * **Battery Chargers:** Efficiently handles high current charging with minimal heat generation. --- ### 5. Circuit Design Considerations * **Heat Dissipation:** Although efficient, at 20A total current, the device will generate heat ($P = V_F \times I_F$). A heatsink is typically required for the TO-220 package. * **Reverse Leakage:** Schottky diodes have higher reverse leakage currents than standard diodes, which increases with temperature. Designers must ensure the thermal environment doesn't lead to "thermal runaway."
    ✨ Follow-up Questions
    • ⤷What is the difference between a Schottky diode and a standard PN junction diode in terms of efficiency?
    • ⤷ Can the PBYR2045CTX be used in a 24V or 48V power system safely?
    • ⤷ How do I calculate the required heatsink size for this diode at 15A?