データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR2060CTB

  • AI
    The **PBYR2060CTB** is a high-performance **Schottky Barrier Diode** typically housed in a surface-mount package (D2PAK/TO-263). It is designed for high-frequency switching and power rectification applications. --- ### 1. Key Technical Specifications The part number follows a standard naming convention where "20" represents the current and "60" represents the voltage rating. | Parameter | Value | Description | | :--- | :--- | :--- | | **Configuration** | Dual / Common Cathode | Two diodes sharing a single cathode pin | | **$V_{RRM}$** | 60 V | Repetitive peak reverse voltage | | **$I_{F(AV)}$** | 20 A | Average forward current (10A per diode) | | **$V_F$ (max)** | ~0.71 V | Maximum forward voltage drop | | **$T_j$** | 150 °C | Maximum operating junction temperature | | **Package** | D2PAK (SOT404) | Surface mount power package | --- ### 2. Functional Internal Diagram The device is a **Common Cathode** dual diode. This is particularly useful in "push-pull" or "center-tap" transformer configurations. ```text Anode 1 (Pin 1) ----|>|----| |---- Cathode (Pin 2 / Tab) Anode 2 (Pin 3) ----|>|----| ``` --- ### 3. Core Features * **Low Forward Voltage Drop:** Schottky technology ensures minimal power loss compared to standard silicon diodes. * **Fast Switching:** Extremely low reverse recovery time ($t_{rr}$), making it ideal for high-speed circuits. * **Guard Ring Protection:** Includes an internal guard ring for stress protection and long-term reliability. * **High Thermal Efficiency:** The D2PAK housing allows for efficient heat dissipation into the PCB copper plane. --- ### 4. Common Applications Due to its high current capacity and fast switching speeds, the PBYR2060CTB is used in: 1. **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers. 2. **DC-DC Converters:** Providing freewheeling and polarity protection. 3. **OR-ing Diodes:** In redundant power supply systems to prevent back-feeding. 4. **Battery Chargers:** Efficient rectification of charging currents. ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a Schottky diode over a standard PN-junction diode in SMPS?
    • ⤷ How do I calculate the heat sink requirements for a PBYR2060CTB at 10A load?
    • ⤷ Is there a through-hole equivalent (TO-220) for this specific component?