データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR2100CT

  • AI
    The **PBYR2100CT** is a high-performance **Schottky Barrier Diode** (Dual Diode) commonly used for rectification and protection in power management circuits. It is designed for low power loss and high efficiency. --- ### 1. Key Technical Specifications The part number typically indicates the voltage and current ratings. Here is a breakdown of its primary electrical characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Configuration** | Dual / Common Cathode | Two diodes sharing a center pin (Cathode). | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 100 V | Maximum voltage the diode can block in reverse. | | **Max Average Forward Current ($I_{F(AV)}$)** | 20 A (10A per diode) | Total current handling for the entire package. | | **Forward Voltage Drop ($V_F$)** | ~0.70 V - 0.85 V | Voltage lost across the diode when conducting. | | **Package Type** | TO-220AB | Standard 3-pin through-hole power package. | | **Operating Temperature** | -65°C to +175°C | Thermal range for stable operation. | --- ### 2. Physical Pin Configuration In the TO-220 package, the pins are arranged to simplify integration into power supplies: * **Pin 1 (Anode 1):** Input for the first diode. * **Pin 2 (Cathode):** Common output (connected to the mounting tab/heatsink). * **Pin 3 (Anode 2):** Input for the second diode. --- ### 3. Major Advantages * **Low Power Loss:** Schottky diodes have a lower forward voltage drop compared to standard silicon diodes, reducing heat generation. * **High Speed:** They feature extremely fast switching speeds because they have negligible reverse recovery time ($t_{rr}$). * **High Frequency Operation:** Ideal for high-speed switching power supplies (SMPS) operating in the kHz to MHz range. * **Guard Ring Protection:** Most parts in this series include an internal guard ring for stress protection and long-term reliability. --- ### 4. Common Applications The PBYR2100CT is frequently found in the following electronic systems: 1. **Switching Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC/Square waves to DC. 2. **Freewheeling Diodes:** Protects circuits from voltage spikes generated by inductive loads like motors or relays. 3. **Battery Chargers:** Prevents reverse current flow and manages charging rectification. 4. **OR-ing Diodes:** Used in redundant power supplies to combine two power sources without one back-feeding the other. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the PBYR2100CT?
    • ⤷ How does the Schottky diode differ from a standard Zener diode in a circuit?
    • ⤷ What is the importance of a heatsink for the TO-220 package in this component?