データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR240CT

  • AI
    The **PBYR240CT** is a high-performance, dual-center-tap **Schottky Barrier Rectifier** diode. It is primarily designed for high-frequency switching applications, such as power supplies and converters, where low power loss and high efficiency are critical. --- ### ## Technical Specifications The PBYR240CT consists of two Schottky diodes integrated into a single three-pin package (common cathode). | Parameter | Value | Description | | :--- | :--- | :--- | | **Average Rectified Current ($I_{O}$)** | 40 A | Total current (20A per diode) | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40 V | Maximum voltage the diode can block | | **Forward Voltage Drop ($V_{F}$)** | ~0.60 V | Typical voltage drop at 20A | | **Reverse Recovery Time ($t_{rr}$)** | Negligible | Extremely fast switching speeds | | **Operating Temperature ($T_{j}$)** | -65 to +150 °C | Wide thermal operating range | | **Package Type** | TO-220 | Through-hole mounting for heat dissipation | --- ### ## Key Electronic Characteristics 1. **Low Forward Voltage Drop ($V_F$):** Unlike standard silicon diodes (which have a $V_F$ of ~0.7V to 1.1V), the Schottky barrier allows for a lower voltage drop. This results in significantly lower power dissipation and higher efficiency in power conversion. 2. **Ultra-Fast Switching:** Because Schottky diodes are unipolar devices (using majority carriers), they do not suffer from the reverse recovery charge storage found in standard PN-junction diodes. This makes them ideal for high-frequency PWM circuits. 3. **Center-Tap Configuration:** The internal layout features two anodes and a shared cathode (connected to the center pin and the metal tab). This is designed for use in **Full-Wave Center-Tap** rectification circuits. --- ### ## Internal Pinout Diagram The device is usually housed in a **TO-220AB** package. ```text [ TO-220 ] [ Package ] [ ] | | | 1 2 3 A1 K A2 Pin 1: Anode 1 Pin 2: Common Cathode (connected to tab) Pin 3: Anode 2 ``` --- ### ## Typical Applications * **Switched-Mode Power Supplies (SMPS):** Used on the output stage to rectify high-frequency AC into DC. * **DC-to-DC Converters:** Buck or Boost converters requiring low conduction losses. * **Freewheeling Diode:** Protecting circuits from inductive spikes in motor controllers. * **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow.
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the PBYR240CT at full 40A load?
    • ⤷ How does the PBYR240CT compare to the MBR4040 in terms of performance?
    • ⤷ Can the two anodes be wired in parallel to increase current capacity?