データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR25-45CTB

  • AI
    ## Technical Overview of PBYR25-45CTB The **PBYR25-45CTB** is a high-performance Schottky barrier rectifier diode. It is designed for use in switched-mode power supplies (SMPS), output rectification, and freewheeling diode applications. ### 1. Key Specifications The following table outlines the primary electrical and thermal characteristics of the device: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Repetitive Peak Reverse Voltage | $V_{RRM}$ | 45 | V | | Average Forward Current (per diode) | $I_{F(AV)}$ | 12.5 | A | | Total Average Forward Current | $I_{O}$ | 25 | A | | Peak Forward Surge Current (8.3ms) | $I_{FSM}$ | 150 | A | | Forward Voltage Drop (at 12.5A) | $V_F$ | 0.52 (typ) | V | | Package Type | - | D2PAK (SOT404) | - | --- ### 2. Functional Description The PBYR25-45CTB is a **Dual Diode** configuration with a **Common Cathode**. This means inside the single package, there are two Schottky diodes sharing a central terminal. * **Schottky Technology:** Unlike standard silicon diodes, Schottky diodes use a metal-to-semiconductor junction. This results in a much lower forward voltage drop and extremely fast switching speeds. * **Low Power Loss:** Because of the low $V_F$, this part is highly efficient, reducing heat generation in power conversion circuits. * **Guard Ring:** Most PBYR series diodes include an internal guard ring for stress protection and enhanced long-term reliability against high voltage transients. --- ### 3. Pinout Configuration The device is usually housed in a Surface Mount Device (SMD) package like the **D2PAK**. | Pin Number | Function | | :--- | :--- | | **Pin 1** | Anode 1 | | **Pin 2 (Tab)** | Cathode (Common) | | **Pin 3** | Anode 2 | --- ### 4. Typical Applications 1. **DC-to-DC Converters:** Used on the secondary side of high-frequency transformers. 2. **Freewheeling Diodes:** Protects circuits from voltage spikes generated by inductive loads (motors, solenoids). 3. **Reverse Polarity Protection:** Prevents damage to a circuit if the battery or power source is connected backwards. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails.
    ✨ Follow-up Questions
    • ⤷What are the thermal management requirements for the D2PAK package?
    • ⤷ How does the forward voltage drop change with temperature in this Schottky diode?
    • ⤷ Can this diode be used in high-voltage AC rectification?