データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR30100PT

  • AI
    ## Overview of PBYR30100PT The **PBYR30100PT** is a high-performance **Schottky Barrier Diode** (Dual Rectifier) commonly used for high-frequency switching and power conversion. It is designed to offer low forward voltage drops and fast switching speeds, making it ideal for power supply applications. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Rectifier | Dual Center-Tap Configuration | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 100 V | Maximum voltage it can block in reverse. | | **Average Forward Current ($I_{F(AV)}$)** | 30 A (15A per leg) | Total current capacity for the device. | | **Forward Voltage Drop ($V_F$)** | ~0.70 V - 0.85 V | Voltage lost across the diode during conduction. | | **Operating Temperature** | up to 175°C | High thermal stability. | | **Package Type** | SOT199 / TO-247 | Through-hole power package. | --- ### 2. Physical Structure and Pinout The device usually features a **Center-Tap** configuration inside a three-pin package. This allows it to act as two diodes sharing a common cathode. 1. **Pin 1 (Anode 1):** Input for the first diode. 2. **Pin 2 (Common Cathode):** Output (often connected to the metal mounting tab). 3. **Pin 3 (Anode 2):** Input for the second diode. --- ### 3. Key Electronic Characteristics * **Schottky Barrier Technology:** Unlike standard silicon diodes, Schottky diodes use a metal-to-semiconductor junction. This results in a significantly lower forward voltage drop ($V_F$), which increases efficiency by reducing power dissipation as heat. * **Fast Switching:** Because there is no minority carrier recovery time (negligible $t_{rr}$), the diode can switch on and off almost instantaneously. This is critical for high-frequency Switched-Mode Power Supplies (SMPS). * **Guard Ring Protection:** Most parts in this series include an internal guard ring for stress protection and improved long-term reliability against high voltage transients. --- ### 4. Common Applications * **Switching Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC/Square waves to DC. * **DC-DC Converters:** Acts as a freewheeling diode or polarity protection. * **OR-ing Diodes:** Used in redundant power systems to combine two power sources while preventing back-feeding. * **Battery Chargers:** Efficient rectification for charging circuits. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a Schottky diode and a standard recovery diode?
    • ⤷ How does the temperature affect the forward voltage drop of the PBYR30100PT?
    • ⤷ Can this diode be used in a full-bridge rectifier circuit?