データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR30100WT

  • AI
    The **PBYR30100WT** is a high-performance Schottky barrier diode designed for high-frequency switching applications. It is commonly used in switched-mode power supplies (SMPS) and as an output rectifier in DC-DC converters. --- ### ## Technical Specifications The following table highlights the primary electrical characteristics of the PBYR30100WT: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 100 V | | **Average Forward Current** | $I_{F(AV)}$ | 30 A (15A per diode) | | **Forward Voltage Drop (Typ)** | $V_{F}$ | ~0.70 V (at 15A) | | **Reverse Recovery Time** | $t_{rr}$ | < 10 ns (Negligible) | | **Package Type** | - | TO-247 (SOT429) | | **Operating Temperature** | $T_j$ | up to 175°C | --- ### ## Internal Configuration The PBYR30100WT is a **Dual Diode** component, specifically a **Common Cathode** configuration. - **Pin 1:** Anode 1 - **Pin 2:** Cathode (Common, usually connected to the mounting tab) - **Pin 3:** Anode 2 This "center-tap" configuration allows it to be used in full-wave rectification circuits using only a single package, saving PCB space and simplifying heat sinking. --- ### ## Key Features 1. **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction rather than a P-N junction. This results in extremely fast switching speeds and a lower forward voltage drop compared to standard diodes. 2. **High Junction Temperature:** Rated for operation up to 175°C, providing a significant safety margin in high-heat environments. 3. **Low Power Loss:** Because of the low $V_F$, it generates less heat and improves the overall efficiency of the power supply. 4. **Guard Ring Protection:** Includes internal guard rings for stress protection and improved reliability against high-voltage transients. --- ### ## Common Applications - **Switching Power Supplies:** Used on the secondary side of transformers for rectification. - **OR-ing Diodes:** Used in redundant power supply systems to prevent back-flow. - **Free-Wheeling Diodes:** Protecting circuits from inductive spikes in motor control. - **Battery Chargers:** High-efficiency rectification for fast charging circuits. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Schottky diode and a standard recovery diode in a power circuit?
    • ⤷ How do you calculate the power dissipation of the PBYR30100WT in a design?
    • ⤷ Can the two internal diodes be connected in parallel to handle 30A?