PBYR3035PT
AI

The **PBYR3035PT** is a high-performance **Schottky Barrier Diode** typically used for high-frequency rectification and power management. It is designed for efficiency in power supplies and protection circuits.
### 1. Key Technical Specifications
The part number indicates specific performance metrics, primarily the current and voltage ratings.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Average Rectified Current ($I_{O}$)** | 30 A | Total current capacity (15A per leg) |
| **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 35 V | Maximum voltage it can block |
| **Forward Voltage Drop ($V_{F}$)** | ~0.6 V | Typical voltage lost during conduction |
| **Configuration** | Common Cathode | Two diodes sharing a center pin |
| **Package Type** | TO-247 / SOT-429 | Through-hole power package |
---
### 2. Physical Configuration
The PBYR3035PT is a **Dual Diode** package. This means there are two individual diodes inside a single housing, sharing a center connection.
* **Pin 1 (Anode 1):** Input for first diode.
* **Pin 2 (Cathode):** Shared output (Connected to the metal mounting tab).
* **Pin 3 (Anode 2):** Input for second diode.
---
### 3. Electronic Characteristics
#### Low Forward Voltage Drop
As a Schottky diode, it uses a metal-semiconductor junction rather than a P-N junction. This allows for a lower voltage drop (approx. 0.5V - 0.7V) compared to standard silicon diodes (0.7V - 1.1V), leading to **lower heat dissipation** and higher efficiency.
#### High Switching Speed
Schottky diodes have almost zero reverse recovery time. This makes the PBYR3035PT ideal for **Switch Mode Power Supplies (SMPS)** where the circuit switches on and off thousands of times per second.
#### Thermal Management
The TO-247 package is designed to be bolted to a **heat sink**. Because this part handles up to 30 Amps, proper thermal dissipation is critical to prevent "thermal runaway," a condition where the diode's leakage current increases as it gets hotter.
---
### 4. Common Applications
1. **Rectification:** Converting AC to DC in high-current power adapters.
2. **ORing Diodes:** Used in redundant power supplies to combine two power rails without back-feeding.
3. **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor controllers.
4. **Solar Panels:** Preventing battery discharge back into the panels at night.
- ⤷
What are the equivalent replacement parts for a PBYR3035PT?
- ⤷ How do I calculate the heat sink size required for this diode at 20A?
- ⤷ What is the difference between a Schottky diode and a standard recovery diode?