データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR3040

  • AI
    The **PBYR3040** is a high-performance Schottky Barrier Rectifier diode. It is primarily designed for use in switched-mode power supplies (SMPS), control circuits, and high-frequency inverters where low power loss and high efficiency are critical. --- ### 1. Key Technical Specifications The part number typically follows a standard naming convention: **30** represents the average rectified forward current, and **40** represents the maximum repetitive peak reverse voltage. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Max Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Max Average Forward Rectified Current** | $I_{F(AV)}$ | 30 | A | | **Max Forward Voltage Drop** (at 30A) | $V_F$ | ~0.60 | V | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | TO-220AB | - | --- ### 2. Major Electronic Characteristics #### A. Low Forward Voltage ($V_F$) Unlike standard silicon diodes (which have a $V_F$ of ~0.7V to 1.1V), the PBYR3040 uses a metal-to-silicon junction. This results in a significantly lower forward voltage drop, which translates to **reduced power dissipation** and higher efficiency in power conversion. #### B. Fast Switching Speed Schottky diodes are "majority carrier" devices. Because there is no minority carrier recombination (as seen in PN junction diodes), the **Reverse Recovery Time ($t_{rr}$)** is negligible. This makes the PBYR3040 ideal for high-frequency switching. #### C. Guard Ring Protection Most PBYR series diodes include an internal "Guard Ring." This is an integrated structure that helps the device handle transient over-voltages and provides stress protection for the junction, improving long-term reliability. --- ### 3. Common Applications Due to its 30A current rating and 40V limit, it is frequently found in: * **DC-to-DC Converters:** Used as an output rectifier. * **Freewheeling Diode:** Used in motor control circuits to protect against inductive spikes. * **Solar Panels:** Used as a bypass or blocking diode to prevent reverse current flow. * **Computer Power Supplies:** Used on the low-voltage secondary side of the transformer. --- ### 4. Circuit Symbol and Terminal Layout In the standard **TO-220AB** package, the PBYR3040 is often a "Dual Diode" (Common Cathode) configuration. ```text Terminal 1: Anode 1 Terminal 2: Cathode (connected to mounting tab) Terminal 3: Anode 2 ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for a 30A load on this diode?
    • ⤷ How does the PBYR3040 compare to a standard 1N5408 rectifier?
    • ⤷ Can this diode be used in a bridge rectifier for AC to DC conversion?