PBYR3040PT
AI

The **PBYR3040PT** is a high-performance **Schottky Barrier Diode** typically used in power switching applications. It is designed for low power loss and high efficiency.
---
### 1. Key Technical Specifications
The part number follows standard semiconductor naming conventions where "30" usually refers to current and "40" refers to voltage.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Schottky Barrier | Metal-semiconductor junction for fast switching. |
| **Configuration** | Dual Center Tap | Two diodes sharing a common cathode. |
| **Max Average Forward Current ($I_{F(AV)}$)** | 30 A | 15 A per diode leg. |
| **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40 V | Maximum voltage it can block in reverse. |
| **Forward Voltage Drop ($V_F$)** | ~0.55 V | Low voltage drop compared to standard diodes (~0.7V - 1.1V). |
| **Package Type** | SOT93 / TO-247 | Large plastic package with a metal tab for heat dissipation. |
---
### 2. Internal Configuration
The PBYR3040PT is a **Dual Diode** (Common Cathode). This means inside the single package, there are two diodes connected as follows:
* **Pin 1:** Anode (Diode 1)
* **Pin 2:** Cathode (Common/Output)
* **Pin 3:** Anode (Diode 2)
---
### 3. Core Features
* **Fast Switching:** Because Schottky diodes have no "reverse recovery time" ($t_{rr}$) related to minority carrier recombination, they switch states almost instantaneously.
* **Low Power Loss:** The low forward voltage ($V_F$) minimizes heat generation during conduction, improving the overall efficiency of the power supply.
* **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and long-term reliability.
---
### 4. Common Applications
Due to its high current capacity and speed, the PBYR3040PT is found in:
1. **Switched-Mode Power Supplies (SMPS):** Used for output rectification.
2. **DC-DC Converters:** Acts as a freewheeling diode.
3. **Battery Chargers:** Prevents reverse current flow while maintaining efficiency.
4. **Solar Panels:** Used as a bypass or blocking diode.
---
### 5. Circuit Symbol
```text
Anode 1 (1) ----|>|----|
|---- Cathode (2)
Anode 2 (3) ----|>|----|
```
- ⤷
What are the main differences between a Schottky diode and a standard PN junction diode?
- ⤷ How should I calculate the heat sink requirements for a 30A load?
- ⤷ Can the PBYR3040PT be used in AC-to-DC bridge rectifiers?