データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR3040WT

  • AI
    ### PBYR3040WT Overview The **PBYR3040WT** is a high-performance **Schottky Barrier Diode** commonly used in power management and switching circuits. It is designed for applications requiring low power loss and high efficiency. --- ### Technical Specifications The part number follows a standard naming convention where "30" usually refers to the current rating and "40" refers to the voltage. | Parameter | Value | Description | | :--- | :--- | :--- | | **Diode Type** | Schottky Barrier | Metal-semiconductor junction | | **Continuous Forward Current ($I_F$)** | 30 A | Total current (15A per leg) | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40 V | Maximum voltage the diode can block | | **Forward Voltage Drop ($V_F$)** | ~0.55 V - 0.65 V | Low voltage drop for efficiency | | **Configuration** | Dual / Common Cathode | Two diodes sharing one package | | **Package Type** | TO-247 / SOT-429 | Through-hole power package | --- ### Key Electronic Features 1. **Low Forward Voltage ($V_F$):** Unlike standard silicon diodes (0.7V), Schottky diodes like the PBYR3040WT have a much lower drop, reducing heat dissipation. 2. **Fast Switching Speed:** Because it is a majority carrier device, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency switching. 3. **Dual Diode Construction:** The device typically contains two diodes with a **Common Cathode** (connected to the center pin/tab). This allows for full-wave rectification in a single component. 4. **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection against high voltage transients (ESD). --- ### Typical Applications * **Switch Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC to DC. * **Free-wheeling Diodes:** Protects circuits from inductive spikes in motor controllers. * **OR-ing Diodes:** Used in redundant power supplies to prevent back-feeding. * **Battery Chargers:** Efficient rectification with minimal energy loss. --- ### Internal Circuit Diagram The PBYR3040WT is a 3-pin device configured as follows: ```text (1) Anode 1 ---|>|--- (2) Common Cathode (Tab) (3) Anode 2 ---|>|--- (2) Common Cathode (Tab) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating junction temperature for the PBYR3040WT?
    • ⤷ How does the forward voltage drop change as the current increases?
    • ⤷ Can this diode be used in a 48V system?