データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR3060PT

  • AI
    The **PBYR3060PT** is a high-performance Schottky Barrier Rectifier diode. It is commonly used in power management circuits due to its low forward voltage drop and fast switching capabilities. --- ### 1. Key Technical Specifications The part number follows a standard naming convention where "30" usually refers to the current rating and "60" refers to the voltage rating. | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Dual Schottky Diode | Contains two diodes with a common cathode. | | **Max Average Rectified Current ($I_{F(AV)}$)** | 30A | Total current (15A per diode). | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 60V | The maximum voltage it can block in reverse. | | **Forward Voltage Drop ($V_F$)** | ~0.6V to 0.7V | Lower than standard silicon diodes (~1.1V). | | **Package Type** | SOT93 / TO-247 | Through-hole power package for heat dissipation. | | **Operating Temperature** | up to 150°C | High thermal stability. | --- ### 2. Internal Configuration The PBYR3060PT is a **Dual Diode (Common Cathode)** device. This means it has three pins: 1. **Anode 1:** Connected to the first diode. 2. **Cathode:** The center pin (common to both diodes and usually connected to the mounting tab). 3. **Anode 2:** Connected to the second diode. This configuration is ideal for **Full-Wave Center-Tap Rectification**. --- ### 3. Key Features & Benefits * **Low Power Loss:** Because the forward voltage drop is significantly lower than a standard PN junction diode, it generates less heat and is more energy-efficient. * **High Switching Speed:** Schottky diodes are "majority carrier" devices, meaning they have negligible reverse recovery time ($t_{rr}$). This makes them ideal for high-frequency applications. * **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and long-term reliability against high voltages. --- ### 4. Typical Applications The PBYR3060PT is found in high-current, high-frequency environments: * **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers for DC-DC converters. * **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor controllers. * **Battery Chargers:** Preventing reverse current flow with minimal energy loss. * **Solar Panels:** Used as bypass diodes to prevent power loss from shaded cells. --- ### 5. Equivalent / Alternative Parts If the PBYR3060PT is unavailable, the following parts often serve as direct or functional equivalents: * **MBR3060PT** (Industry standard equivalent) * **STPS3060CW** * **SDUR3060PT** (Note: "SDUR" is often an Ultra-Fast recovery diode rather than a Schottky; check datasheets for $V_F$ differences).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Schottky diode and a standard PN junction diode in terms of efficiency?
    • ⤷ How do I properly heatsink a TO-247 package like the PBYR3060PT?
    • ⤷ Can I use this diode in an AC-to-DC bridge rectifier circuit?