データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR6040WT

  • AI
    The **PBYR6040WT** is a high-performance **Schottky Barrier Rectifier** diode. It is commonly used in power supplies and high-frequency circuits due to its low forward voltage drop and fast switching capabilities. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the PBYR6040WT: | Feature | Description / Value | |:---|:---| | **Diode Type** | Schottky Barrier (Dual, Common Cathode) | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40V | | **Average Forward Current ($I_{F(AV)}$)** | 60A (30A per diode) | | **Forward Voltage Drop ($V_F$)** | ~0.58V to 0.70V (at rated current) | | **Package Type** | SOT199 / TO-247 | | **Operating Junction Temperature ($T_j$)** | Up to 150°C | --- ### 2. Physical Configuration The PBYR6040WT is a **dual-diode** package in a **Common Cathode** configuration. This means there are two individual diodes inside one housing, sharing a central connection point. ```mermaid graph LR Anode1[Anode 1 - Pin 1] --> Cathode[Common Cathode - Pin 2/Tab] Anode2[Anode 2 - Pin 3] --> Cathode ``` * **Pin 1:** Anode of Diode 1 * **Pin 2/Tab:** Common Cathode (Output) * **Pin 3:** Anode of Diode 2 --- ### 3. Core Advantages * **Low Power Loss:** Because the forward voltage drop ($V_F$) is significantly lower than standard silicon diodes (~0.6V vs 1.1V), it generates less heat and is more efficient. * **High Speed:** As a Schottky diode, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency switching. * **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and long-term reliability against overvoltage. --- ### 4. Typical Applications The PBYR6040WT is typically found in high-power environments: 1. **Switched Mode Power Supplies (SMPS):** Used as an output rectifier. 2. **DC/DC Converters:** Acts as a "freewheeling" diode to prevent voltage spikes. 3. **Battery Management:** Provides reverse polarity protection with minimal voltage loss. 4. **Solar Inverters:** Used in bypass and blocking applications.
    ✨ Follow-up Questions
    • How does the forward voltage drop change with temperature in the PBYR6040WT?
    • What are the cooling requirements for a 60A current load?
    • Are there equivalent drop-in replacements for the TO-247 package?