データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR745D

  • AI
    The **PBYR745D** is a specific type of power semiconductor, categorized as a **Schottky Barrier Diode**. It is designed for high-frequency switching and low-voltage power rectification applications. --- ## 1. Core Technical Specifications The PBYR745D is typically housed in a **DPAK (TO-252)** surface-mount package, making it suitable for compact electronic assemblies. | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 45V | Repetitive Peak Reverse Voltage | | **$I_{F(AV)}$** | 7.5A | Average Forward Rectified Current | | **$V_F$** | ~0.5V to 0.6V | Forward Voltage Drop (at rated current) | | **$T_j$** | 150°C | Maximum Junction Temperature | | **Package** | DPAK (TO-252) | Surface Mount Device (SMD) | --- ## 2. Key Features and Benefits * **Low Forward Voltage Drop ($V_F$):** Because it is a Schottky diode, it has a lower voltage drop compared to standard silicon diodes (~0.7V). This results in higher efficiency and less heat generation. * **Ultra-Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), which is critical for high-speed switching power supplies. * **Guard Ring Protection:** The internal construction usually includes a guard ring for stress protection, which enhances long-term reliability against high-voltage transients. --- ## 3. Internal Construction & Pinout The PBYR745D is a **single diode** configuration. In a DPAK package, the connections are generally arranged as follows: 1. **Pin 1:** No Connection (NC) or Anode (depending on specific manufacturer variant). 2. **Pin 2/Tab:** Cathode (Connected to the large thermal pad for heat dissipation). 3. **Pin 3:** Anode. --- ## 4. Common Applications Due to its high current capacity and low losses, the PBYR745D is found in: * **DC-DC Converters:** Used as a freewheeling diode. * **Switched-Mode Power Supplies (SMPS):** Used for output rectification. * **Battery Charging Circuits:** To prevent reverse current flow. * **Polarity Protection:** Protecting sensitive circuits from accidental battery reversal. --- ## 5. Equivalent/Substitute Parts If the PBYR745D is unavailable, the following components are often used as functional equivalents: * **MBRD835L** * **STPS8L30** * **MBRD1045** (Higher current rating, but compatible)
    ✨ Follow-up Questions
    • ⤷ What is the significance of the low forward voltage drop in battery-powered devices?
    • ⤷ How does the DPAK package handle heat dissipation compared to through-hole packages?
    • ⤷ Can a PBYR745D be used in AC to DC bridge rectifiers?