データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYR745F

  • AI
    The **PBYR745F** is a high-performance **Schottky Barrier Diode** (SBD) specifically designed for high-frequency switching and low power loss applications. It is commonly manufactured by NXP (formerly Philips) and other semiconductor producers. --- ### 1. General Specifications The PBYR745F belongs to the rectifier family, characterized by its low forward voltage drop and fast switching speed. | Parameter | Value | Description | | :--- | :--- | :--- | | **Model** | PBYR745F | Part Number | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 45 V | Maximum voltage it can block | | **Forward Current ($I_{F(AV)}$)** | 7.5 A | Average rectified forward current | | **Forward Voltage ($V_F$)** | ~0.57 V | Voltage drop at rated current (typical) | | **Package Type** | SOT186A (TO-220F) | Isolated plastic package | | **Switching Speed** | Ultra Fast | Nanosecond range | --- ### 2. Key Features * **Low Forward Voltage Drop:** This reduces power dissipation, making the component highly efficient. * **Isolated Package:** The "F" suffix often denotes a "Full Pack" or isolated package (TO-220F). This means the metal tab is encased in plastic, allowing it to be mounted directly to a heatsink without an additional insulating mica washer. * **Guard Ring Protection:** It usually incorporates an internal guard ring for stress protection and improved reliability against high-voltage transients. * **High Junction Temperature:** Capable of operating at junction temperatures up to 150°C. --- ### 3. Pin Configuration The device typically follows the standard TO-220/TO-220F pinout for a single diode. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | N/C | No internal connection (sometimes omitted) | | 2 | Cathode (K) | The negative terminal (marked with a band) | | 3 | Anode (A) | The positive terminal | --- ### 4. Typical Applications The PBYR745F is ideal for circuits where efficiency and speed are critical: 1. **Switched-Mode Power Supplies (SMPS):** Used as an output rectifier. 2. **DC-DC Converters:** Acts as a freewheeling diode to prevent voltage spikes. 3. **Polarity Protection:** Protects sensitive electronics from reverse battery connection. 4. **Low Voltage Inverters:** Efficiently converts DC to AC with minimal thermal loss. --- ### 5. Thermal Management Because this part is the **"F" (Isolated)** version, it has a higher thermal resistance ($R_{th(j-a)}$) than the non-isolated version. Users must ensure proper airflow or a sufficiently sized heatsink if the diode is expected to carry the full 7.5A load continuously.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBYR745F and a standard silicon rectifier like the 1N4007?
    • ⤷ How does the isolated TO-220F package affect thermal dissipation compared to a standard TO-220?
    • ⤷ Can the PBYR745F be used in high-voltage AC rectification circuits?