データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PC28F00AG18FE

  • AI
    ## Technical Overview of the PC28F00AG18FE The **PC28F00AG18FE** is a high-density, non-volatile memory chip manufactured by **Micron Technology**. It belongs to the **P30 Parallel NOR Flash** family, which is widely utilized in embedded systems for code execution (Execute-in-Place) and data storage. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Memory Type** | NOR Flash | | **Capacity** | 1 Gigabit (1 Gb) | | **Organization** | 64 Meg x 16 (16-bit wide bus) | | **Interface** | Parallel (Synchronous/Asynchronous) | | **Voltage Supply** | 1.7V to 2.0V (Core), 1.7V to 3.6V (I/O) | | **Speed (Access Time)** | 100 ns (Asynchronous) | | **Package** | 64-ball Easy BGA (10mm x 13mm) | | **Temperature Range** | -40°C to +85°C (Industrial) | --- ### 2. Core Functional Features * **Multi-Level Cell (MLC) Technology:** It uses StrataFlash® technology to store multiple bits per cell, allowing for a high density (1Gb) in a small physical footprint. * **Performance Modes:** * **Asynchronous Mode:** Standard random access. * **Synchronous Burst Mode:** Supports high-speed data transfer synchronized with a system clock (CLK), reaching up to 52 MHz. * **Security & Protection:** * Includes a 128-bit unique device identifier. * Offers individual block locking and hardware-controlled protection via a "Write Protect" (WP#) pin. * **Architecture:** It features a **Parameter Block** architecture, where certain blocks (usually at the top or bottom) are smaller for efficient storage of small parameters like BIOS settings or calibration data. --- ### 3. Pinout and Signal Description The device utilizes a 64-ball BGA footprint. Key signal groups include: 1. **Address Lines (A1-A26):** Defines the memory location to be accessed. 2. **Data Lines (DQ0-DQ15):** The 16-bit bidirectional data bus. 3. **Control Signals:** * `CE#` (Chip Enable): Activates the device. * `OE#` (Output Enable): Controls the data output buffers. * `WE#` (Write Enable): Controls writes to the Command User Interface (CUI). * `ADV#` (Address Valid): Latches the address in synchronous modes. * `WAIT`: Indicates to the processor when data is valid during burst reads. --- ### 4. Typical Applications Due to its high reliability and fast read speeds, the PC28F00AG18FE is commonly found in: * **Networking Equipment:** Routers, switches, and base stations for firmware storage. * **Industrial Automation:** Control systems requiring robust code storage. * **Automotive:** Infotainment and telematics systems. * **Consumer Electronics:** High-end set-top boxes and digital imaging devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Parallel NOR Flash and NAND Flash in embedded designs?
    • ⤷ How does the Synchronous Burst mode improve performance compared to Asynchronous mode?
    • ⤷ What are the power consumption profiles for the PC28F00AG18FE during Read and Write cycles?