データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCB-RZ

  • AI
    The **PCB-RZ** (often referring to specific Renesas RZ series microprocessors or custom PCB assemblies utilizing the RZ MPU) is a high-performance system designed for industrial automation, HMI (Human Machine Interface), and vision AI. To understand the electronic parts of a PCB-RZ, we can categorize them by their functional blocks. --- ## 1. Core Component: The Renesas RZ MPU The heart of the board is the **RZ Series Microprocessor**. Unlike a standard microcontroller, these are powerful enough to run Linux or RTOS. | Part Type | Typical Specifications | Function | | :--- | :--- | :--- | | **CPU Core** | Arm® Cortex®-A55 / Cortex-M33 | Executes high-level OS and real-time tasks. | | **GPU** | Arm Mali™-G31 (Optional) | Handles 3D graphics and UI rendering. | | **AI Accelerator** | DRP-AI (Dynamically Reconfigurable Processor) | Specialized hardware for high-speed AI inference. | --- ## 2. Memory Subsystem Because the RZ processor typically lacks internal Flash for large programs, external memory is required. * **DDR4/LPDDR4 SDRAM:** High-speed volatile memory used for running the OS and buffering video data. * **eMMC Flash:** Non-volatile storage for the bootloader, Linux kernel, and file system. * **QSPI Flash:** Often used for the initial "First Stage Bootloader" (FSBL). --- ## 3. Power Management (PMIC) Modern RZ processors require multiple voltage rails (e.g., 0.9V for core, 1.1V for DDR, 1.8V for I/O, 3.3V for peripherals). * **PMIC (Power Management IC):** A single chip (like the Renesas RAA series) that manages power sequencing to ensure the CPU powers up in the correct order to prevent damage. * **Inductors and Capacitors:** Used for filtering and DC-DC buck conversion. --- ## 4. Connectivity and Interfaces The PCB-RZ is designed to communicate with the outside world using specific ICs: ### Communication ICs * **Ethernet PHY:** (e.g., Marvell or Realtek) Converts digital signals to electrical signals for RJ45 ports. * **USB Controller/Hub:** Manages USB 2.0/3.0 connections for peripherals. * **CAN Transceivers:** Used in industrial/automotive environments to communicate with other controllers. ### Display and Camera * **MIPI-CSI Bridge:** Connects camera modules for vision AI. * **LVDS/HDMI Transmitter:** Connects the MPU to high-definition displays or monitors. --- ## 5. Typical PCB Layout Features The PCB design for an RZ-based system is complex due to high-speed signaling: 1. **Impedance Control:** Necessary for DDR4 and USB high-speed lines. 2. **BGA Packaging:** The RZ processor usually comes in a Ball Grid Array, requiring multi-layer PCBs (usually 6 to 10 layers). 3. **Thermal Management:** Often includes copper pours or thermal vias under the MPU to dissipate heat. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the RZ/G
    • ⤷ RZ/A
    • ⤷ and RZ/V series?
    • ⤷ How is the DRP-AI hardware different from a standard GPU in PCB-RZ designs?
    • ⤷ What are the common power sequencing requirements for Renesas RZ microprocessors?