データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCBSMAFST2HAHT

  • AI
    The code **SMAFST2HAHT** appears to follow a manufacturer-specific nomenclature for electronic components, likely related to **Surface Mount Devices (SMD)**. Based on standard industry prefixes and suffixes, this typically identifies a **High-Temperature, Fast Recovery Rectifier Diode** in an **SMAF** package. --- ### 1. Component Breakdown | Segment | Meaning | Description | | :--- | :--- | :--- | | **SMAF** | **Package Type** | A low-profile version of the standard SMA (DO-214AC) package. It is flatter, which helps with heat dissipation and space-saving on PCBs. | | **ST** | **Device Type** | Often denotes "Schottky" or "Super Fast" recovery technology. | | **2** | **Current Rating** | Usually indicates a forward current ($I_F$) of **2 Amperes**. | | **HA** | **Voltage/Series** | Likely refers to a specific voltage rating (e.g., 50V–100V) or AEC-Q101 Automotive Grade qualification. | | **HT** | **Thermal/Temp** | High-Temperature rating, often capable of operating up to **150°C or 175°C**. | --- ### 2. Physical Characteristics: The SMAF Package The **SMAF** package is critical for modern PCB design. Here is how it compares to standard packages: * **Height:** Roughly 1.0mm to 1.3mm (significantly thinner than standard SMA). * **Footprint:** Compatible with standard SMA pads, allowing for easy replacement on existing PCB layouts. * **Terminals:** Large metal surfaces on the bottom for improved soldering and thermal conduction. --- ### 3. Key Electrical Specifications (Estimated) Given the "ST2" designation, the part likely adheres to the following electrical profile: | Parameter | Typical Value | | :--- | :--- | | **Forward Current ($I_{F(AV)}$)** | 2.0 Amps | | **Reverse Voltage ($V_{RRM}$)** | 50V - 100V (depending on sub-version) | | **Forward Voltage Drop ($V_F$)** | ~0.45V - 0.95V | | **Recovery Time ($t_{rr}$)** | < 35ns (if Super Fast) | | **Operating Temp Range** | -55°C to +150°C | --- ### 4. PCB Design Considerations When placing this part on a PCB, consider the following: 1. **Thermal Management:** Even though it is a small SMD part, a 2A current generates heat. Use larger copper pours around the cathode pad to act as a heat sink. 2. **Polarity:** Ensure the silk screen clearly marks the **Cathode** (usually indicated by a band on the component body). 3. **Solder Paste:** Due to the low profile of the SMAF package, ensure the solder stencil thickness is appropriate to avoid "tombstoning" or poor wetting. ```yaml # Example footprint attributes for SMAF Package: SMAF Mounting_Type: Surface Mount Lead_Finish: Tin (Sn) Moisture_Sensitivity: Level 1 (Unlimited) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the HAHT suffix in this series?
    • ⤷ How does the SMAF package compare to the SMB package in terms of heat dissipation?
    • ⤷ Can I use an SMAF component on a standard SMA PCB footprint?