データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCF4-R

  • AI
    The **PCF4-R** is part of a specific series of surface-mount power inductors, typically manufactured by companies like **Coiltronics (now part of Eaton)**. These components are designed for high-density power applications where space and efficiency are critical. --- ### ## 1. Technical Overview The PCF4 series refers to **high-current, shielded power inductors**. The "-R" suffix denotes that the part is **RoHS compliant** (Lead-free). ### ### Key Specifications | Parameter | Typical Value Range | | :--- | :--- | | **Inductance Range** | 0.10µH to 100µH (varies by model) | | **DC Resistance (DCR)** | Very Low (mΩ range) | | **Operating Temperature** | -40°C to +125°C | | **Core Material** | Powdered Iron or Ferrite | | **Shielding** | Magnetically shielded to reduce EMI | --- ### ## 2. Construction Features 1. **Magnetically Shielded:** The inductor is enclosed in a way that minimizes magnetic interference with surrounding components, making it ideal for high-density PCB layouts. 2. **Surface Mount (SMD):** Designed for automated pick-and-place assembly. 3. **High Saturation Current:** They are engineered to handle high peak currents without the inductance dropping significantly (saturation). 4. **Low Profile:** The "PCF" geometry is usually optimized for height-constrained applications like laptops or thin IoT devices. --- ### ## 3. Common Applications The PCF4-R series is primarily used in power management circuits: * **DC-DC Converters:** Used as the energy storage element in buck, boost, or buck-boost regulators. * **Voltage Regulator Modules (VRMs):** Found in CPU and GPU power delivery systems. * **Battery Powered Devices:** Used in tablets, smartphones, and portable medical equipment due to high efficiency. * **Input/Output Filtering:** To smooth ripple current and reduce noise in power lines. --- ### ## 4. Part Numbering Example When looking at a part like **PCF4-100-R**: * **PCF4:** Series designation and physical size. * **100:** Inductance value (in this case, 10µH – usually the first two digits are significant and the third is the multiplier). * **-R:** RoHS compliant. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the PCF4-R footprint?
    • ⤷ How does the saturation current of the PCF4 compare to the PCF3 series?
    • ⤷ What are the typical thermal derating curves for this inductor?