データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCF6-R

  • AI
    The **PCF6-R** is a specific type of **pneumatic fitting**, commonly referred to as a "Push-to-Connect" or "One-Touch" straight female connector. While it is a mechanical component used in pneumatic systems, it is essential in electronic manufacturing, 3D printing, and automated industrial machinery. --- ### 1. Technical Specifications The model name **PCF6-R** follows a standard naming convention in the industry: | Parameter | Specification | Description | | :--- | :--- | :--- | | **P** | Plug-in / Push | Refers to the push-to-connect mechanism. | | **C** | Connector | Straight female connector shape. | | **F** | Female | Internal threading. | | **6** | 6mm | Designed for tubing with a 6mm Outer Diameter (OD). | | **R** | 1/8" PT/BSPT | Represents the thread size (often 1/8" British Standard Pipe Taper). | --- ### 2. Key Components Although it looks like a single piece of metal, the PCF6-R consists of several internal parts: 1. **Release Button (Sleeve):** Usually made of POM (Polyoxymethylene) or nickel-plated brass. Pressing this allows the internal "claws" to release the tube. 2. **Locking Claws (Collet):** Stainless steel teeth that grip the plastic tubing (usually PU, PA, or PE) to prevent it from slipping out under pressure. 3. **O-Ring / Seal:** A Nitrile (NBR) or Viton seal that ensures an airtight connection between the tube and the fitting body. 4. **Body:** Typically nickel-plated brass for corrosion resistance and durability. --- ### 3. Applications in Electronics The PCF6-R is frequently utilized in the following electronic-adjacent fields: * **3D Printers:** Used as the coupling on the **extruder** or the **hotend** to guide the 1.75mm filament through a 4mm or 6mm PTFE (Teflon) tube. * **Pick-and-Place Machines:** Used in the vacuum lines of SMT (Surface Mount Technology) assembly lines to move electronic components. * **Cooling Systems:** Employed in liquid cooling loops for high-power electronics or server racks where leak-proof connections are critical. --- ### 4. Technical Operating Limits | Feature | Range / Value | | :--- | :--- | | **Fluid Type** | Compressed Air, Vacuum, (sometimes Water) | | **Working Pressure** | 0 to 150 PSI (0 to 10 Bar) | | **Negative Pressure** | -29.5 in Hg / -750 mmHg | | **Temperature Range** | 32° to 140°F (0° to 60°C) | | **Compatible Tubing** | Polyurethane (PU), Nylon (PA), Polyethylene (PE) | --- ### 5. Installation Note To ensure a proper electronic/mechanical interface: 1. **Cut the tube squarely:** Use a pipe cutter rather than scissors to ensure the O-ring seals properly. 2. **Insert fully:** Push the tube until it hits the internal stop. 3. **Test:** Give the tube a slight tug to ensure the stainless steel claws have engaged.
    ✨ Follow-up Questions
    • ⤷ What is the difference between PCF and PC fittings?
    • ⤷ Can PCF6-R fittings be used for high-temperature liquid cooling?
    • ⤷ How do I identify the thread type if it isn't marked as 'R'?