データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCF7-R

  • AI
    The **PCF7-R** is a specific electronic component, typically categorized as a **Pressure Compensated Flow Control Valve** with a reverse flow check. It is widely used in hydraulic and pneumatic control systems where precise fluid regulation is required. While primarily a mechanical/hydraulic component, it is often integrated into electronic control loops via sensors and actuators. --- ### 1. Technical Specifications The "PCF" series generally follows standard industrial parameters for flow control. | Feature | Specification | | :--- | :--- | | **Type** | Pressure Compensated Flow Control | | **Connection Type** | Threaded (Standard 7/8" or G-size depending on manufacturer) | | **Max Operating Pressure** | Typically up to 3000 PSI (210 bar) | | **Flow Rate** | Adjustable based on needle position | | **Reverse Flow** | Integrated check valve for free return flow | --- ### 2. Key Internal Components The PCF7-R consists of several critical sub-parts that ensure its functionality: 1. **Compensator Spool:** A spring-loaded piston that reacts to pressure changes at the inlet and outlet to maintain a constant pressure drop across the orifice. 2. **Adjustable Orifice (Needle):** The user-adjustable part (usually a knob or screw) that sets the desired flow rate. 3. **Check Valve:** Allows the fluid to bypass the control mechanism when flowing in the reverse direction (R-suffix designation). 4. **Springs:** Precision-calibrated springs that define the cracking pressure of the compensator. --- ### 3. Electronic Integration In modern "Smart" systems, the PCF7-R is often paired with electronic parts to automate flow: * **Pressure Transducers:** Placed upstream and downstream to monitor the efficiency of the PCF7-R. * **Electronic Displacement Sensors:** Used in higher-end versions to provide feedback to a PLC (Programmable Logic Controller) regarding the exact position of the adjustment needle. * **Proportional Solenoids:** If the PCF7-R is part of an electro-hydraulic assembly, a solenoid may replace the manual knob to allow for remote electrical control. --- ### 4. Application Logic The PCF7-R is used when the speed of an actuator (like a motor or cylinder) must remain constant regardless of the load variations. ```mermaid graph LR A[Pump/Source] --> B{PCF7-R Valve} B --> C[Actuator/Load] C -.-> D[Sensor Feedback] D -.-> E[Electronic Controller] E -.-> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific port sizes available for the PCF7-R series?
    • ⤷ How does a pressure-compensated valve differ from a standard needle valve?
    • ⤷ Can the PCF7-R be used with high-temperature synthetic fluids?