データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCF8-R

  • AI
    The **PCF8-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Wire-wound Power Inductor**. These are commonly used in power management circuits where high current and reliability are required in a small footprint. Below is a detailed breakdown of the electronic characteristics and specifications of the PCF8-R series. --- ### 1. Component Overview The PCF8-R belongs to a family of fixed inductors. The "R" usually denotes a "RoHS compliant" status or a specific tolerance/packaging style depending on the manufacturer (commonly associated with brands like **Coiltronics/Eaton** or similar specialized magnetics providers). ### 2. Technical Specifications While exact values depend on the specific inductance (e.g., 1uH vs 100uH), the general characteristics of the PCF8-R series are as follows: | Parameter | Typical Range / Value | | :--- | :--- | | **Inductance Range** | 1.0 µH to 1000 µH | | **Current Rating (Isat)** | High (Saturation current varies by value) | | **DC Resistance (DCR)** | Very low (optimized for efficiency) | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Often Unshielded (allows for higher current density) | | **Material** | Ferrite Core with Copper Wire | --- ### 3. Key Features * **High Power Density:** Designed to handle significant current relative to its physical size. * **Low Core Loss:** The ferrite material minimizes energy waste at high switching frequencies. * **Pick-and-Place Compatible:** The flat top surface is designed for automated vacuum nozzles during PCB assembly. * **Robust Construction:** The wire-wound nature provides better thermal stability than thin-film alternatives. ### 4. Common Applications The PCF8-R is primarily used in power conversion stages: 1. **DC-DC Converters:** Used as the main energy storage element in buck, boost, or buck-boost regulators. 2. **Filtering:** Utilized in LC filters to smooth out ripple current in power supplies. 3. **LED Drivers:** Providing constant current for lighting applications. 4. **Automotive & Industrial:** Used in modules where temperature fluctuations and vibrations are common. ### 5. Part Numbering Example A part number like `PCF8-100-R` would typically break down as: * **PCF8:** Series/Size Code. * **100:** Inductance value (where 100 might represent $10 \times 10^0 = 10 \mu H$). * **R:** Lead-free/RoHS compliant. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the PCF8-R series?
    • ⤷ How does an unshielded inductor like the PCF8-R affect EMI in a circuit?
    • ⤷ Can you provide a comparison between the PCF8-R and shielded inductors?