データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCFV25-R50M-RC

  • AI
    The **PCFV25-R50M-RC** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter circuits. It belongs to a class of components designed for high current density and low magnetic interference. ### 1. Part Number Breakdown The nomenclature typically follows this structure (based on standard manufacturer coding for power inductors): | Segment | Meaning | Details | | :--- | :--- | :--- | | **PCFV** | Series Series | High-current, shielded power inductor series. | | **25** | Physical Size | Often refers to dimensions (e.g., approx 2.5mm or a specific frame size). | | **R50** | Inductance Value | **0.50 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (standard industry code for tolerance). | | **RC** | Compliance | **RoHS Compliant** (Lead-free). | --- ### 2. Technical Specifications While exact specifications can vary slightly by manufacturer (such as Allied Components or similar brands), the general characteristics for this part are: * **Inductance:** 0.50 µH. * **DCR (DC Resistance):** Extremely low, usually measured in milliohms (mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current level where inductance drops by a specific percentage (e.g., 30%). For a 0.50 µH part, this is usually quite high. * **Operating Temperature:** Typically rated from $-40^\circ\text{C}$ to $+125^\circ\text{C}$. * **Shielding:** Shielded construction to reduce Electromagnetic Interference (EMI). --- ### 3. Key Electronic Functions The PCFV25-R50M-RC serves several critical roles in a circuit: #### A. Energy Storage In switching regulators (Buck/Boost converters), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle to provide a steady output voltage. #### B. Ripple Filtering It acts as a low-pass filter, smoothing out the high-frequency switching noise from power supplies to provide clean DC power to sensitive components like CPUs or FPGAs. #### C. EMI Suppression Because it is a shielded inductor, the magnetic flux is contained within the component body. This prevents the inductor from interfering with nearby traces or wireless signals. --- ### 4. Typical Applications * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU cards. * **DC-DC Converters:** High-efficiency power modules. * **Portable Electronics:** Tablets and laptops where space is limited but current demand is high. * **Battery Powered Systems:** Where low DCR is required to maximize battery life. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (footprint) of the PCFV25 series?
    • ⤷ How does the 'Saturation Current' affect its performance in a power circuit?
    • ⤷ What are the equivalent alternatives for this specific inductor?