データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCHC412R8-R47M-RC

  • AI
    ## PCHC412R8-R47M-RC: Component Analysis The **PCHC412R8-R47M-RC** is a high-current, shielded power inductor typically used in DC-DC converters and power management modules. Below is a detailed breakdown of its electronic characteristics. --- ### 1. General Specifications This component is part of a series designed for high-density power applications where low core loss and high saturation currents are required. | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Inductance** | 0.47 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Shielding** | Shielded (Magnetic Powder/Molded) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Part Number Breakdown The nomenclature provides specific details about the part's physical and electrical build: * **PCHC**: Series identifier (High Current, Composite/Molded Inductor). * **412R8**: Size code (roughly 4.0 x 4.0 mm base, with a 2.8 mm height). * **R47**: Inductance value ($0.47 \mu H$). * **M**: Tolerance ($\pm 20\%$). * **RC**: RoHS Compliant. --- ### 3. Key Performance Characteristics These inductors are engineered to handle significant electrical stress in compact spaces. #### A. High Saturation Current ($I_{sat}$) Due to its molded construction, this part features "soft saturation." Unlike traditional ferrite cores that lose inductance abruptly, this part maintains performance even as current peaks. #### B. Low DC Resistance (DCR) The internal windings use flat or heavy-gauge copper wire to minimize $R_{dc}$. This reduces heat generation and improves overall power efficiency in the circuit. #### C. Shielded Construction The inductor is encapsulated in a magnetic metal powder. This design: 1. **Reduces EMI:** Keeps magnetic flux contained. 2. **Increases Ruggedness:** Protects against physical shock and vibration. --- ### 4. Typical Applications | Application | Role | | :--- | :--- | | **Voltage Regulator Modules (VRM)** | Filtering high-frequency noise in CPU/GPU power rails. | | **DC-DC Converters** | Energy storage in Buck, Boost, or Buck-Boost topologies. | | **Battery Powered Devices** | Efficient power management in laptops and tablets. | | **Automotive Electronics** | Infotainment systems and LED lighting drivers. | --- ### 5. Summary Table | Parameter | Value (Typical) | | :--- | :--- | | **Inductance @ 100kHz** | $0.47 \mu H$ | | **DCR Max** | ~4.0 - 5.0 mΩ | | **Saturation Current ($I_{sat}$)** | ~15 - 20 Amps | | **Operating Temp Range** | -55°C to +125°C | ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the PCHC412R8 series?
    • ⤷ How does 'soft saturation' in molded inductors differ from ferrite core saturation?
    • ⤷ What is the recommended solder profile for this SMD inductor?