データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCM-R

  • AI
    Pulse Code Modulation (PCM) is a method used to digitally represent sampled analog signals. In the context of "PCM-R" (often referring to PCM Recording or PCM Receivers in telecommunications and audio engineering), the system relies on specific electronic components to convert, process, and transmit data. --- ## 1. Core Electronic Components of a PCM System A PCM system is divided into two main sections: the **Transmitter (ADC)** and the **Receiver (DAC)**. | Component | Function | Electronic Detail | | :--- | :--- | :--- | | **Low Pass Filter (LPF)** | Anti-aliasing | Removes high-frequency noise above the Nyquist frequency. | | **Sample & Hold Circuit** | Sampling | Uses a high-speed switch and a capacitor to freeze the analog voltage level. | | **ADC (Analog-to-Digital Converter)** | Quantization | Converts the held voltage into a binary number (n-bits). | | **Parallel-to-Serial Converter** | Serialization | Shift registers that turn 8/16-bit blocks into a single stream of bits. | | **Regenerative Repeater** | Signal Recovery | Transistors and comparators that clean up noise in the digital signal during transmission. | | **DAC (Digital-to-Analog Converter)** | Reconstruction | Converts binary data back into discrete voltage levels. | --- ## 2. Detailed Hardware Architecture ### A. The Sampling Circuit (Input Stage) The primary electronic part here is the **Operational Amplifier (Op-Amp)** configured as a buffer, followed by a **FET (Field Effect Transistor)** acting as a switch. * **Capacitor:** Stores the charge representing the instantaneous analog voltage. * **Timing Clock:** A crystal oscillator provides a precise frequency (e.g., 44.1 kHz) to trigger the FET. ### B. The Quantizer (ADC) This is the "brain" of the PCM process. * **Flash ADC:** Uses a string of comparators and resistors for high-speed conversion. * **Successive Approximation Register (SAR):** A more common, cost-effective IC that uses a binary search algorithm to determine the digital value. ### C. Logic and Synchronization In PCM-R (Recording/Receiving), timing is critical. * **PLL (Phase-Locked Loop):** An electronic circuit that synchronizes the receiver's clock with the incoming bitstream to prevent jitter. * **Logic Gates:** XOR and AND gates are used for framing (identifying where one sample ends and the next begins). --- ## 3. Signal Flow Example (Python Logic) While PCM is handled by hardware, the logic behind the electronic components can be represented as follows: ```python import numpy as np def pcm_encode(analog_signal, bit_depth=8): # 1. Quantization: Mapping analog values to discrete levels levels = 2**bit_depth quantized = np.round((analog_signal + 1) * (levels - 1) / 2) # 2. Binary Encoding: Converting levels to bitstrings binary_stream = [format(int(val), '08b') for val in quantized] return binary_stream # Example: 0.5V signal at 8-bit depth print(f"PCM Output: {pcm_encode(np.array([0.5]))}") ``` --- ## 4. Key Performance Indicators (KPIs) * **Bit Depth:** Determined by the resolution of the ADC/DAC (e.g., 16-bit, 24-bit). * **Sampling Rate:** Determined by the Crystal Oscillator frequency. * **Signal-to-Quantization Noise Ratio (SQNR):** A measure of the electronic efficiency of the quantizer.
    ✨ Follow-up Questions
    • ⤷ What is the role of the Nyquist Theorem in selecting PCM electronic components?
    • ⤷ How does a Phase-Locked Loop (PLL) reduce jitter in PCM receivers?
    • ⤷ What are the differences between linear PCM and non-linear PCM hardware?