データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCOF2002A-FNMSD

  • AI
    The **PCOF2002A-FNMSD** is a specific character LCD (Liquid Crystal Display) module, typically manufactured by companies like **PICO** or other specialty display suppliers. It is a 20x2 character display, meaning it can show 20 characters per line across 2 lines. --- ### 1. Key Technical Specifications The electronics of this module are designed around the industry-standard Hitachi HD44780 controller (or a compatible equivalent). | Feature | Specification | | :--- | :--- | | **Display Format** | 20 Characters x 2 Lines | | **Module Dimension** | ~116.0 x 37.0 x 13.9 mm | | **Viewing Area** | ~83.0 x 18.6 mm | | **Operating Voltage (VDD)** | 5.0V (Standard) or 3.3V (Specific variants) | | **Backlight Type** | LED (Standard Green/Yellow or White) | | **Controller** | ST7066U (Standard) or equivalent | | **Interface** | 4-bit or 8-bit Parallel | --- ### 2. Pinout Configuration The module typically features a 16-pin interface. The table below describes the electronic function of each pin. | Pin No. | Symbol | Function Description | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Supply Voltage (+5V or +3.3V) | | 3 | VO | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (0 = Command, 1 = Data) | | 5 | R/W | Read/Write (0 = Write, 1 = Read) | | 6 | E | Enable Signal (Clock) | | 7-14 | DB0-DB7 | Data Bus lines (8-bit) | | 15 | LED+ | Backlight Anode (+) | | 16 | LED- | Backlight Cathode (-) | --- ### 3. Electronic Components and Operation #### A. The Controller (IC) The heart of the module is the **ST7066U** or **HD44780** IC. This chip converts ASCII data sent by a microcontroller (like Arduino or ESP32) into the specific electrical pulses needed to align the liquid crystals in the display. #### B. Contrast Control (VO) Pin 3 requires a variable voltage (usually controlled by a 10k Ohm potentiometer). This determines the "darkness" of the character pixels against the background. #### C. Interface Modes * **8-bit Mode:** Uses all data pins (DB0-DB7). It is faster but uses more I/O pins. * **4-bit Mode:** Uses only DB4-DB7. It is the most common method as it saves microcontroller pins while maintaining adequate speed. #### D. Backlight Circuit The LED backlight (Pins 15 and 16) usually requires a current-limiting resistor (typically 100Ω to 220Ω) to prevent the LEDs from burning out if the module does not have an integrated resistor. --- ### 4. Basic Example Code (C++/Arduino) To drive this module, you would typically use the `LiquidCrystal` library. ```cpp #include // RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(20, 2); // Initialize for 20x2 lcd.print("PCOF2002A Ready"); } void loop() { lcd.setCursor(0, 1); lcd.print(millis() / 1000); // Display seconds } ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct resistor for the LED backlight?
    • ⤷ Can this display be converted to use I2C to save pins?
    • ⤷ What is the difference between the ST7066U and HD44780 controllers?