データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCS3P73U00AG-08-CR

  • AI
    The **PCS3P73U00AG-08-CR** is a specialized integrated circuit designed for **Spread Spectrum Clock Generation (SSCG)**. It is primarily used to reduce Electromagnetic Interference (EMI) at the source by modulating the clock signal. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Function** | Spread Spectrum Clock Generator | | **Operating Voltage** | 2.3V to 3.6V | | **Input Frequency Range** | 10 MHz to 70 MHz | | **Output Frequency** | Same as Input (Zero Delay Buffer / Modulated) | | **Package Type** | WDFN-8 (2mm x 2mm) | | **Spread Options** | Center Spread / Down Spread | | **Operating Temperature** | -25°C to +85°C | --- ### 2. Key Internal Components The internal architecture of the PCS3P73U00AG-08-CR consists of several critical functional blocks: 1. **Phase-Locked Loop (PLL):** The heart of the chip that synchronizes the output frequency with the input reference. 2. **Modulation Controller:** This logic block introduces a controlled "jitter" or frequency variation (e.g., ±1%) to spread the energy of the clock signal across a wider frequency band. 3. **Voltage Controlled Oscillator (VCO):** Generates the actual high-frequency signal based on the PLL feedback. 4. **Control Pins (S0, S1):** These pins allow the hardware designer to select different levels of spread percentage (e.g., 0.5%, 1.5%) to meet specific EMI compliance requirements. --- ### 3. Application and Usage This part is typically found in high-speed digital systems where peak EMI emissions must be suppressed to pass regulatory standards (like FCC or CE). * **Target Systems:** Digital cameras, printers, LCD panels, and automotive infotainment. * **How it works:** Instead of a sharp energy spike at a single frequency (e.g., 50MHz), the chip spreads that energy. This lowers the "peak" of the interference without requiring expensive metal shielding. --- ### 4. Typical Connection Diagram (Pseudo-Code) In a PCB design, the pinout logic follows this structure: ```cpp // Pin Mapping Concept Pin 1: VDD // Power Supply (2.3V - 3.6V) Pin 2: X1/CLKIN // Reference Clock Input Pin 3: X2 // Crystal Output (if using crystal) Pin 4: GND // Ground Pin 5: S0 // Spread Selection Bit 0 Pin 6: S1 // Spread Selection Bit 1 Pin 7: MODOUT // Modulated Clock Output Pin 8: PD# // Power Down (Active Low) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific spread percentage options for the S0 and S1 pins?
    • ⤷ How does Spread Spectrum compare to physical shielding for EMI reduction?
    • ⤷ Can this chip be used with an external crystal or only a LVCMOS clock?