データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCS3P73U00AG-08-SR

  • AI
    The **PCS3P73U00AG-08-SR** is a specialized integrated circuit designed primarily for **EMI (Electromagnetic Interference) reduction** through spread spectrum clock generation. It is manufactured by ON Semiconductor (now semi-conductors) and belongs to their family of precision clock generators. --- ### 1. Key Technical Specifications | Parameter | Details | | :--- | :--- | | **Function** | Peak EMI Reduction / Spread Spectrum Clock Generator | | **Input Frequency Range** | 10 MHz to 70 MHz | | **Output Frequency** | Same as Input (1x) | | **Supply Voltage (VDD)** | 2.3V to 3.6V | | **Operating Temperature** | -25°C to +85°C | | **Package Type** | SOIC-8 (8-pin Small Outline Integrated Circuit) | | **Modulation Rate** | Dependent on Input Frequency | --- ### 2. Core Functional Blocks The device operates using several internal electronic components to manage the clock signal: * **Phase-Locked Loop (PLL):** The heart of the chip. It takes the reference input clock and generates a high-frequency internal signal. * **Modulation Circuitry:** This block varies the PLL feedback divider slightly over time. This "spreads" the energy of the clock signal across a wider frequency band, reducing the peak decibel (dB) level of electromagnetic radiation. * **Voltage Controlled Oscillator (VCO):** Works in tandem with the PLL to maintain frequency stability while allowing for controlled jitter (modulation). * **Output Buffer:** A low-impedance driver that ensures the modified clock signal can drive the capacitive loads of other chips on the PCB. --- ### 3. Pin Configuration (SOIC-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | CLKIN | External reference clock input or Crystal connection. | | 2 | XOUT | Crystal output (leave floating if using external clock). | | 3 | ModOUT | The spread spectrum modulated clock output. | | 4 | VSS | Ground connection. | | 5 | S0 | Selection bit 0 for frequency range/modulation rate. | | 6 | S1 | Selection bit 1 for frequency range/modulation rate. | | 7 | VDD | Power supply (2.3V - 3.6V). | | 8 | NC | No Connect (sometimes used for internal testing). | --- ### 4. Application and Use Cases This electronic part is essential in high-speed digital systems where meeting FCC or CE emissions standards is difficult. Common applications include: * **Computing:** Desktop and Laptop motherboards. * **Consumer Electronics:** Digital TVs, Set-top boxes, and Printers. * **Embedded Systems:** Industrial controllers where long cables might act as antennas for clock noise. --- ### 5. Benefits of Using this Part 1. **Compliance:** Reduces peak EMI by up to 15dB, helping products pass regulatory testing without expensive shielding or enclosures. 2. **Space Saving:** Replaces bulky passive filters (inductors/capacitors) with a single 8-pin IC. 3. **Versatility:** Supports a wide voltage range, making it compatible with both 2.5V and 3.3V logic levels.
    ✨ Follow-up Questions
    • ⤷ What is the difference between center-spread and down-spread modulation in this IC?
    • ⤷ How do the S0 and S1 pins determine the modulation percentage?
    • ⤷ Can this chip be used with a quartz crystal instead of an active clock source?