データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCS3P73U00AG-08-TT

  • AI
    ### Technical Overview: PCS3P73U00AG-08-TT The **PCS3P73U00AG-08-TT** is a versatile, low-voltage, spread-spectrum clock generator designed primarily for reducing Electromagnetic Interference (EMI) at the clock source. It is part of a specialized family of timing solutions used in high-speed digital systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Spread Spectrum Clock Generator (SSCG) | | **Operating Voltage** | 2.3V to 3.6V | | **Input Frequency Range** | 10 MHz to 70 MHz | | **Output Frequency** | Same as Input (1x) | | **Package Type** | TSSOP-8 (Thin Shrink Small Outline Package) | | **EMI Reduction** | Typically 7dB to 15dB reduction | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | --- ### 2. Core Functional Components The internal architecture of this IC consists of several critical stages: 1. **Phase-Locked Loop (PLL):** The heart of the chip. It takes the input reference clock and generates a high-frequency internal signal. 2. **Modulation Engine:** This block "smears" the clock frequency over a small range (e.g., ±1% or -2%). By slightly varying the frequency, the energy peak at the fundamental frequency is lowered, reducing EMI. 3. **Control Logic (S0, S1 Pins):** These pins allow the user to select the modulation rate and spread percentage to tune the EMI profile according to the specific hardware requirements. 4. **Output Buffer:** A low-jitter driver that provides the final spread-spectrum clock signal to the rest of the PCB. --- ### 3. Pin Configuration Below is a typical representation of the 8-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | CLKIN | External reference clock input | | 2 | VDD | Power supply (2.3V - 3.6V) | | 3 | MODOUT | Spread spectrum clock output | | 4 | VSS | Ground | | 5 | S0 | Modulation selection bit 0 | | 6 | S1 | Modulation selection bit 1 | | 7 | NC/OE | No connect or Output Enable (varies by sub-version) | | 8 | XOUT | Crystal oscillator output (if using a crystal) | --- ### 4. Typical Application Circuit When integrating this part, designers typically use a bypass capacitor (0.1µF) close to the VDD pin to ensure power stability. ```mermaid graph LR A[Crystal/Oscillator] --> B(PCS3P73U00AG-08-TT) B --> C[Microcontroller/FPGA] B --> D[EMI Reduction/Compliance] ``` ### 5. Benefits of Use * **Compliance:** Helps devices meet FCC and CE electromagnetic compatibility standards without expensive shielding. * **Space Saving:** Eliminates the need for bulky ferrite beads or metal "cans" (shields) over high-speed clock traces. * **Flexibility:** Multi-level spread options allow for fine-tuning based on the specific noise frequencies detected during testing. ---
    ✨ Follow-up Questions
    • ⤷What are the specific S0/S1 logic levels for different spread percentages?
    • ⤷ Can this chip be used with a 1.8V logic system?
    • ⤷ What is the typical jitter performance of the MODOUT signal?