データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCSFW630-R22M

  • AI
    The **PCSFW630-R22M** is a high-performance **surface-mount (SMD) power inductor**, typically manufactured by specialized electronic component firms like Sumida or similar magnetic component producers. It is designed for high-frequency DC-DC conversion and power management circuits. --- ### 1. Technical Specifications Breakdown The part number typically follows a structured naming convention. Here is the breakdown of the "R22M" and series specifications: | Parameter | Value / Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.22 µH (R22) | Low inductance for high-speed switching. | | **Tolerance** | ±20% (M) | Standard industry tolerance for power inductors. | | **Package Size** | 630 Series | Approx. 6.0 x 6.0 x 3.0 mm (varies by brand). | | **Mounting Type** | SMD/SMT | Surface Mount Device. | | **Core Material** | Metal Alloy / Carbonyl Powder | High saturation flux density. | --- ### 2. Key Electrical Characteristics These parts are engineered for efficiency in compact power supplies. Their performance is defined by three main factors: 1. **Saturation Current ($I_{sat}$):** The current at which the inductance drops (usually by 30%). This specific part is designed for high current handling, often exceeding 10A-15A depending on the specific series rating. 2. **DC Resistance (DCR):** Extremely low DCR to minimize power loss through heat (Joule heating). 3. **Shielding:** Most "PCSFW" style inductors are **magnetic shielded**, which reduces Electromagnetic Interference (EMI) with surrounding components. --- ### 3. Common Applications Due to the low inductance value (0.22 µH), this component is ideal for: * **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery. * **DC-DC Converters:** High-frequency buck or boost converters. * **Mobile Electronics:** Laptops, tablets, and high-density power boards. * **Servers:** Distributed power systems where space and heat dissipation are critical. --- ### 4. Comparison with Standard Ferrite Inductors ```markdown - Metal Composite Core: Better soft-saturation characteristics (no sudden drop in inductance). - Thermal Stability: Maintains performance at higher operating temperatures. - EMI Performance: Shielded construction leads to lower radiated noise. ```
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the PCSFW630 series?
    • ⤷ Can this inductor be used in automotive-grade applications?
    • ⤷ How does the R22 inductance value affect switching frequency in a buck converter?