データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCSFW630-R68M

  • AI
    The **PCSFW630-R68M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. This specific part belongs to a class of "molded power inductors" designed for high efficiency and compact footprints. --- ### 1. Part Number Breakdown Based on standard industry naming conventions for this series (often manufactured by brands like Cyntec or similar specialized magnetic component producers): | Segment | Meaning | Description | | :--- | :--- | :--- | | **PCSFW** | Series Code | Indicates the product family (Molded/Shielded Power Inductor). | | **630** | Case Size | Represents dimensions (approx. 6.6mm x 7.3mm x 3.0mm). | | **R68** | Inductance Value | **0.68 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Industry standard for inductors). | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer, the typical parameters for a 630-size 0.68µH inductor are as follows: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 0.68 µH | | **DC Resistance (DCR)** | ~4.5 mΩ to 6.0 mΩ (Max) | | **Saturation Current (Isat)** | 15A - 20A (Where inductance drops 30%) | | **Heat Rating Current (Irms)** | 12A - 16A (Where temp rises by 40°C) | | **Operating Temperature** | -55°C to +125°C | --- ### 3. Key Features * **Magnetic Shielding:** The molded construction uses a metal alloy powder that encapsulates the coil, reducing Electromagnetic Interference (EMI). * **High Saturation:** Unlike ferrite core inductors, these molded types have a "soft saturation" characteristic, meaning they don't lose inductance abruptly when current spikes. * **Low DCR:** It uses flat wire or thick copper wire to minimize power loss through heat (Joule heating). * **Robustness:** The molded body provides excellent resistance to mechanical shock and vibration. --- ### 4. Common Applications This part is typically found in high-demand electronic circuits: * **Voltage Regulator Modules (VRMs):** For CPU and GPU power delivery in laptops and desktops. * **DC-DC Converters:** Point-of-Load (POL) converters in telecommunications. * **Automotive Electronics:** Infotainment systems and ADAS sensors. * **Battery Powered Devices:** High-efficiency power stages for portable tools or tablets.
    ✨ Follow-up Questions
    • ⤷ What is the difference between soft saturation and hard saturation in inductors?
    • ⤷ How does DCR affect the overall efficiency of a power circuit?
    • ⤷ What are the footprint dimensions for a 630 series SMD inductor?